Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS35L32 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 37Page - Cirrus Logic CS35L32 Datasheet HTML 38Page - Cirrus Logic CS35L32 Datasheet HTML 39Page - Cirrus Logic CS35L32 Datasheet HTML 40Page - Cirrus Logic CS35L32 Datasheet HTML 41Page - Cirrus Logic CS35L32 Datasheet HTML 42Page - Cirrus Logic CS35L32 Datasheet HTML 43Page - Cirrus Logic CS35L32 Datasheet HTML 44Page - Cirrus Logic CS35L32 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
DS963F5
41
CS35L32
7.18 Interrupt Mask 3
7.18 Interrupt Mask 3
Address 0x14
R/W
76
5
4
3
2
1
0
M_UVLO M_LED2_OPEN M_LED2_SHORT M_LED1_OPEN M_LED1_SHORT
M_LOWBAT M_BOOST_CURLIM M_BOOST_OVERROR
Default
1
1
1
1
1
1
1
1
Interrupt mask register bits serve as a mask for the interrupt sources in the interrupt status registers. Interrupts are described in Section 4.2.
Registers at addresses 0x14–0x17 must not be part of a control-port autoincremented read and must be read individually. See Section 4.14.1.
Bits
Name
Description
7
M_UVLO
UVLO mask
0 Unmasked
1 (Default) Masked
6
M_LED2_OPEN
LED 2/1 open and shorted masks
0 Unmasked
1 (Default) Masked
5
M_LED2_SHORT
4
M_LED1_OPEN
3
M_LED1_SHORT
2
M_LOWBAT
Low battery mask
0 Unmasked
1 (Default) Masked
1
M_BOOST_CURLIM
Boost converter masks
0 Unmasked
1 (Default) Masked
0
M_BOOST_OVERROR
7.19 Interrupt Status 1 (Audio)
Address 0x15
R/O
7
6
543
2
1
0
—
ADSPCLK_ERR
MCLK_ERR
AMP_SHORT
OTW
OTE
Default
x
x
x
x
x
x
x
x
Interrupt mask register bits serve as a mask for the interrupt sources in the interrupt status registers. Interrupts are described in Section 4.2.
Registers at addresses 0x14–0x17 must not be part of a control-port autoincremented read and must be read individually. See Section 4.14.1.
Bits
Name
Description
7:5
—
Reserved
4ADSPCLK_
ERR
ADSP clock error. Indicates that the ADSP has lost synchronization. See Section 4.11.2 and Section 7.7 for details.
0 (Default) MCLKINT-to-LRCK ratio is valid. Valid if fLRCK =fMCLK(INT)/RATIO
1MCLKINT-to-LRCK ratio is invalid. Set as the ADSP resynchronizes on initial power up and application of clocks.
3MCLK_
ERR
Master clock error. Indicates the MCLK watchdog status.
0 (Default) MCLK is above ~1.25 MHz.
1 MCLK is below ~1.25 MHz, so the device should be reset (RESET = HIGH
LOW), released from reset (RESET =
LOW
HIGH) when a valid MCLK is reapplied, and restarted. If this condition exists, the Class D amplifier
immediately stops switching and the outputs are internally clamped to ground
. See Section 4.13.3.
2AMP_
SHORT
Amplifier short. Indicates that either of the amplifier outputs (OUT±) is driving a short circuit.
0 (Default) Not shorted
1 Shorted. The device enters Speaker-Safe Mode (see Section 4.3.4). Normal behavior may resume when the short
condition ceases and AMP_SHORT_RLS is sequenced, as described in Section 7.15.
Note: The circuit feeding this bit requires the amplifier to be fully powered and not in shut-down mode; if it is powered down
(PDN_AMP = 1) or in Speaker-Safe Mode, the detector indicates no short condition, even if speaker outputs are shorted.
1
OTW
Overtemperature warning. Indicates that device junction temperature exceeded the set limit, as described in Table 3-3.
0 (Default) Below set overtemperature warning threshold
1 Above set overtemperature warning threshold
0
OTE
Overtemperature error. Indicates whether the device junction temperature exceeded the damage limit.
0 (Default) Below damage limit
1 Above damage limit. The device enters Speaker-Safe Mode (see Section 4.3.4). Normal behavior may resume when
the OTE event ends and OTE_RLS is sequenced, as described in Section 7.15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com