| Electronic Components Datasheet Search |
|
CS35L32 Datasheet(PDF) 27 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS35L32 Datasheet(HTML) 27 Page - Cirrus Logic |
|
27 / 51 page ![]() DS963F5 27 CS35L32 4.12 Signaling Format 4.12.2 Transmitting Data from a Single-CS35L32 Configuration For a single CS35L32, the user clears SHARE (see p. 39). When transmitting data via the ADSP, the monitor data is packed as shown in Table 4-9: left channel VMON[15:0], VPMON[7:0] and right channel IMON[15:0], STATUS. Signal Monitoring, Section 4.8. VMON_OVFL (VMON overflow) xMON overflow. Indicates the overrange status in the VMON, IMON, or VPMON ADC signal path 0 (Default) No clipping has occurred anywhere in the ADC signal path. 1 Clipping has occurred in the ADC signal path. The programming of IMON_SCALE may cause IMON_OVFL to be set. See Section 7.20. IMON_OVFL (IMON overflow) VPMON_OVFL (VPMON overflow) VMON (voltage monitor) 16- or 12-bit representation of the voltage across the load, sensed on VSENSE± IMON (current monitor) 16- or 12-bit representation of the voltage sensed across an external 0.1- resistor in series with the SPKOUT+ terminal, sensed on ISENSE± VPMON (battery voltage) 8-bit representation of the voltage present on VP pin, i.e., the system’s battery voltage, sensed internally LED Driver Section 4.9. LED12_FLEV (LED12 flash event) LED1 or LED2 flash event (Logical OR of LED1_FLEV and LED2_FLEV, see p. 43) 0 (Default) No driver flash current delivered to either LED1 or LED 2 1 Flash current delivered to LED1, LED2, or both LED12_MVEV (LED12 Movie Mode event) LED1 or LED2 movie event (Logical OR of LED1_MVEN and LED2_MVEV, see p. 43) 0 (Default) No driver movie current delivered to either LED1 or LED 2 1 Movie current delivered to LED1, LED2, or both LED_TIMERON (flash timer) Flag indicating whether the flash timer is On. See Section 7.22. 0 (Default) LED Flash timer Off 1 LED Flash timer On Power down PDN_DONE (power-down done) Indicates whether the CS35L32 is completely powered down and MCLK can be stopped. See Section 7.20. 0 Not completely powered down. PDN_DONE = 0 if any blocks still require MCLKINT. After powering down using PDN_ALL or the individual power-down bits, the CS35L32 transitions to a powered-down state, after which, PDN_DONE is set and MCLKINT can be removed. 1 (Default) Powered down Table 4-9. SDOUT Monitor Data Positioning (Single CS35L32 ) Bit Bit Number Left-Channel Data Contents Right-Channel Data Contents MSB 1 VMON[15] IMON[15] MSB – 1 2 VMON[14] IMON[14] …… … … MSB – 15 16 VMON[0] IMON[0] MSB – 16 17 VPMON[7] AMP_SHORT MSB – 17 18 VPMON[6] OTW MSB – 18 19 VPMON[5] OTE MSB – 19 20 VPMON[4] VMONIMON_OVFL MSB – 20 21 VPMON[3] VPMON_OVFL MSB – 21 22 VPMON[2] PDN_DONE MSB – 22 23 VPMON[1] BOOST_CURLIM MSB – 23 24 VPMON[0] LED_TIMERON MSB – 24 25 Reserved VMON_OVFL MSB – 25 26 Reserved IMON_OVFL MSB – 26 27 Reserved UVLO MSB – 27 28 Reserved BOOST_OVERROR MSB – 28 29 Reserved LED12_FLEV MSB – 29 30 Reserved LED12_MVEV MSB – 30 31 Reserved Reserved MSB – 31 32 Reserved Reserved Table 4-8. SDOUT Monitor Data Description (Cont.) Function Data Descriptor Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |