Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS35L32 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 40Page - Cirrus Logic CS35L32 Datasheet HTML 41Page - Cirrus Logic CS35L32 Datasheet HTML 42Page - Cirrus Logic CS35L32 Datasheet HTML 43Page - Cirrus Logic CS35L32 Datasheet HTML 44Page - Cirrus Logic CS35L32 Datasheet HTML 45Page - Cirrus Logic CS35L32 Datasheet HTML 46Page - Cirrus Logic CS35L32 Datasheet HTML 47Page - Cirrus Logic CS35L32 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
44
DS963F5
CS35L32
7.24 LED Movie Mode Current
7.24 LED Movie Mode Current
Address 0x1A
R/W
7
654
32
10
LED_MVCUR[2:0]
LED1_MVEN
LED2_MVEN
Default
0
000
00
00
Bits
Name
Description
7—
Reserved
6:4
LED_
MVCUR
LED Movie Mode drive current.
000 (Default) OFF
001 20 mA
010 40 mA
011 60 mA
100 80 mA
101 100 mA
110 120 mA
111 150 mA
3:2
Reserved
1LED1_
MVEN
Enable LED 1 in Movie Mode
0 (Default) Disable LED 1
1 Enable LED 1
0LED2_
MVEN
Enable LED 2 in Movie Mode
0 (Default) Disable LED 2
1 Enable LED 2
7.25 LED Flash Timer
Address 0x1B
R/W
7654321
0
TIMER[4:0]
TIMEOUT_MODE
Default
0010010
0
Bits
Name
Description
7:6
Reserved
5:1
TIMER
Determines the ON time of the flash timer. (Step Size = 25 * MCLKINT/6 MHz ms)
0 0000 300000/MCLKINT s
0 0001 450000/MCLKINT s
0 0010 600000/MCLKINT s
0 0011 750000/MCLKINT s
0 0100 900000/MCLKINT s
0 0101 1050000/MCLKINT s
0 0110 1200000/MCLKINT s
0 0111 1350000/MCLKINT s
0 1000 1500000/MCLKINT s
0 1001 1650000/MCLKINT s
0 1010 1800000/MCLKINT s
0 1011 1950000/MCLKINT s
0 1100 2100000/MCLKINT s
0 1101 2250000/MCLKINT s
0 1110 2400000/MCLKINT s
0 1111 2550000/MCLKINT s
1 0000 2700000/MCLKINT s
0 0001 2850000/MCLKINT s
1 0010 3000000/MCLKINT s (Default)
1 0011–1 11113000000/MCLKINT s
0TIMEOUT_
MODE
Flash timeout mode
0 (Default) Flash timer (TIMERON) determines end of flash irrespective of the FLEN input pin.
1 End of flash determined by either FLEN going low or flash timer timing out.
7.26 LED Flash Inhibit Current
Address 0x1C
R/W
7
654
32
10
LED_FLINHCUR[3:0]
Default
0
000
00
00
Bits
Name
Description
7:4
Reserved
3:0
LED_
FLINHCUR
LED flash driver current in 50-mA increments.
0000 (Default) OFF
0001 50 mA…
0010 100 mA
0011 150 mA
0100 200 mA
0101 250 mA
0110 300 mA
0111 350 mA
1000–1111 Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com