Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF8282AV Datasheet(PDF) 59 Page - Altera Corporation

Part # EPF8282AV
Description  PROGRAMMABLE LOGIC DEVICES FAMILY
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282AV Datasheet(HTML) 59 Page - Altera Corporation

Back Button EPF8282AV Datasheet HTML 53Page - Altera Corporation EPF8282AV Datasheet HTML 54Page - Altera Corporation EPF8282AV Datasheet HTML 55Page - Altera Corporation EPF8282AV Datasheet HTML 56Page - Altera Corporation EPF8282AV Datasheet HTML 57Page - Altera Corporation EPF8282AV Datasheet HTML 58Page - Altera Corporation EPF8282AV Datasheet HTML 59Page - Altera Corporation EPF8282AV Datasheet HTML 60Page - Altera Corporation EPF8282AV Datasheet HTML 61Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 59 / 61 page
background image
Altera Corporation
59
FLEX 8000 Programmable Logic Device Family Data Sheet
3
DATA3
B5
D7
196
193
W17
246
DATA2
E6
B5
194
190
V16
243
DATA1
D5
A3
191
189
U16
241
DATA0
C4
A2
189
187
V17
239
SDOUT
(3)
K1
N2
135
136
F19
169
TDI
F15
(4)
–
–
63
(12)
B1
(12)
80
(12)
TDO
J2
(4)
–
–
117
(12)
C17
(12)
149
(12)
TCK
J14
(4)
–
–
116
(12)
A19
(12)
148
(12)
TMS
J12
(4)
–
–
64
(12)
C2
(12)
81
(12)
TRST
(6)
P14
–
–
115
A18
145
Dedicated Inputs
(8)
F4, L1, K12,
E15
C1, C17, R1,
R17
10, 51, 130,
171
8, 49, 131,
172
F1, F16, P3,
P19
12, 64, 164,
217
VCCINT
(5.0 V)
F5, F10, E1,
L2, K4, M12,
P15, H13,
H14, B15,
C13
E4, H4, L4,
P12, L14,
H14, E14,
R14, U1
20, 42, 64, 66,
114, 128, 150,
172, 236
18, 40, 60, 62,
91, 114, 129,
151, 173, 209,
236
B17, D3, D15,
E8, E10, E12,
E14, R7, R9,
R11, R13,
R14, T14
24, 54, 77,
144, 79, 115,
162, 191, 218,
266, 301
VCCIO
(5.0 V or 3.3 V)
H3, H2, P6,
R6, P10, N10,
R14, N13,
H15, H12,
D12, A14,
B10, A10, B6,
C6, A2, C3,
M4, R2
N10, M13,
M5, K13, K5,
H13, H5, F5,
E10, E8, N8,
F13
19, 41, 65, 81,
99, 116, 140,
162, 186, 202,
220, 235
17, 39, 61, 78,
94, 108, 130,
152, 174, 191,
205, 221, 235
D14, E7, E9,
E11, E13, R6,
R8, R10, R12,
T13, T15
22, 53, 78, 99,
119, 137, 163,
193, 220, 244,
262, 282, 300
GND
B1, D4, E14,
F7, F8, F9,
F12, G6, G7,
G8, G9, G10,
H1, H4, H5,
H6, H7, H8,
H9, H10, H11,
J6, J7, J8, J9,
J10, K6, K7,
K8, K9, K11,
L15, N3, P1
A1, D6, E11,
E7, E9, G4,
G5, G13,
G14, J5, J13,
K4, K14, L5,
L13, N4, N7,
N9, N11, N14
8, 9, 30, 31,
52, 53, 72, 90,
108, 115, 129,
139, 151, 161,
173, 185, 187,
193, 211, 229
6, 7, 28, 29,
50, 51, 71, 85,
92, 101, 118,
119, 140, 141,
162, 163, 184,
185, 186, 198,
208, 214, 228
D4, D5, D16,
E4, E5, E6,
E15, E16, F5,
F15, G5, G15,
H5, H15, J5,
J15, K5, K15,
L5, L15, M5,
M15, N5,
N15, P4, P5,
P15, P16, R4,
R5, R15, R16,
T4, T5, T16,
U17
9, 11, 36, 38,
65, 67, 90,
108, 116,
128, 150,
151, 175, 177,
206, 208, 231,
232, 237, 253,
265, 273, 291
Table 17. FLEX 8000 225-, 232-, 240-, 280- & 304-Pin Package Pin-Outs (Part 2 of 3)
Pin Name
225-Pin
BGA
EPF8820A
232-Pin
PGA
EPF81188A
240-Pin
PQFP
EPF81188A
240-Pin
PQFP
EPF81500A
280-Pin
PGA
EPF81500A
304-Pin
RQFP
EPF81500A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com