Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF8282AV Datasheet(PDF) 30 Page - Altera Corporation

Part # EPF8282AV
Description  PROGRAMMABLE LOGIC DEVICES FAMILY
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282AV Datasheet(HTML) 30 Page - Altera Corporation

Back Button EPF8282AV Datasheet HTML 26Page - Altera Corporation EPF8282AV Datasheet HTML 27Page - Altera Corporation EPF8282AV Datasheet HTML 28Page - Altera Corporation EPF8282AV Datasheet HTML 29Page - Altera Corporation EPF8282AV Datasheet HTML 30Page - Altera Corporation EPF8282AV Datasheet HTML 31Page - Altera Corporation EPF8282AV Datasheet HTML 32Page - Altera Corporation EPF8282AV Datasheet HTML 33Page - Altera Corporation EPF8282AV Datasheet HTML 34Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
30
Altera Corporation
FLEX 8000 Programmable Logic Device Family Data Sheet
FLEX 8000 3.3-V Device Capacitance
Note (7)
Notes to tables:
(1)
See the Operating Requirements for Altera Devices Data Sheet in this data book.
(2)
Minimum DC input is –0.3 V. During transitions, the inputs may undershoot to –2.0 V or overshoot to 5.3 V for
periods shorter than 20 ns under no-load conditions.
(3)
The maximum VCC rise time is 100 ms. VCC must rise monotonically.
(4)
These values are specified under “FLEX 8000 3.3-V Device Recommended Operating Conditions” on page 29.
(5)
The IOH parameter refers to high-level TTL output current; the IOL parameter refers to low-level TTL output current.
(6)
Typical values are for TA = 25° C and VCC = 3.3 V.
(7)
Capacitance is sample-tested only.
Figures 16 and 17 show the typical output drive characteristics of 5.0-V
FLEX 8000 devices. The output driver is compliant with the PCI Local Bus
Specification, Revision 2.1.
Figure 16. Output Drive Characteristics of 5.0-V FLEX 8000 Devices (except EPF8282A)
Symbol
Parameter
Conditions
Min
Max
Unit
CIN
Input capacitance
VIN = 0 V, f = 1.0 MHz
10
pF
COUT
Output capacitance
VOUT = 0 V, f = 1.0 MHz
10
pF
VO Output Voltage (V)
12
3
4
50
100
150
200
VCCINT = 5.0 V
VCCIO = 3.3 V
IOL
IOH
Room Temperature
VO Output Voltage (V)
12345
50
100
150
200
VCCINT = 5.0 V
VCCIO = 5.0 V
Room Temperature
IOL
IOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com