Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF8282AV Datasheet(PDF) 3 Page - Altera Corporation

Part # EPF8282AV
Description  PROGRAMMABLE LOGIC DEVICES FAMILY
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282AV Datasheet(HTML) 3 Page - Altera Corporation

  EPF8282AV Datasheet HTML 1Page - Altera Corporation EPF8282AV Datasheet HTML 2Page - Altera Corporation EPF8282AV Datasheet HTML 3Page - Altera Corporation EPF8282AV Datasheet HTML 4Page - Altera Corporation EPF8282AV Datasheet HTML 5Page - Altera Corporation EPF8282AV Datasheet HTML 6Page - Altera Corporation EPF8282AV Datasheet HTML 7Page - Altera Corporation EPF8282AV Datasheet HTML 8Page - Altera Corporation EPF8282AV Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 61 page
background image
Altera Corporation
3
FLEX 8000 Programmable Logic Device Family Data Sheet
3
FLEX 8000 devices provide a large number of storage elements for
applications such as digital signal processing (DSP), wide-data-path
manipulation, and data transformation. These devices are an excellent
choice for bus interfaces, TTL integration, coprocessor functions, and
high-speed controllers. The high-pin-count packages can integrate
multiple 32-bit buses into a single device. Table 3 shows FLEX 8000
performance and LE requirements for typical applications.
All FLEX 8000 device packages provide four dedicated inputs for
synchronous control signals with large fan-outs. Each I/O pin has an
associated register on the periphery of the device. As outputs, these
registers provide fast clock-to-output times; as inputs, they offer quick
setup times.
The logic and interconnections in the FLEX 8000 architecture are
configured with CMOS SRAM elements. FLEX 8000 devices are
configured at system power-up with data stored in an industry-standard
parallel EPROM or an Altera serial Configuration EPROM device, or with
data provided by a system controller. Altera offers the EPC1, EPC1213,
EPC1064, and EPC1441 Configuration EPROMs, which configure
FLEX 8000 devices via a serial data stream. Configuration data can also be
stored in an industry-standard 32 K
× 8 bit or larger EPROM, or
downloaded from system RAM. After a FLEX 8000 device has been
configured, it can be reconfigured in-circuit by resetting the device and
loading new data. Because reconfiguration requires less than 100 ms, real-
time changes can be made during system operation.
f For information on how to configure FLEX 8000 devices, go to the
following documents:
s
Configuration EPROMs for FLEX Devices Data Sheet
s
BitBlaster Serial Download Cable Data Sheet
s
ByteBlaster Parallel Port Download Cable Data Sheet
s
Application Note 33 (Configuring FLEX 8000 Devices)
s
Application Note 38 (Configuring Multiple FLEX 8000 Devices)
Table 3. FLEX 8000 Performance
Application
LEs Used
A-2 Speed Grade A-3 Speed Grade
A-4 Speed
Grade
Units
16-bit loadable counter
16
125
95
83
MHz
16-bit up/down counter
16
125
95
83
MHz
24-bit accumulator
24
87
67
58
MHz
16-bit address decode
4
4.2
4.9
6.3
ns
16-to-1 multiplexer
10
6.6
7.9
9.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com