Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF8282AV Datasheet(PDF) 39 Page - Altera Corporation

Part # EPF8282AV
Description  PROGRAMMABLE LOGIC DEVICES FAMILY
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282AV Datasheet(HTML) 39 Page - Altera Corporation

Back Button EPF8282AV Datasheet HTML 35Page - Altera Corporation EPF8282AV Datasheet HTML 36Page - Altera Corporation EPF8282AV Datasheet HTML 37Page - Altera Corporation EPF8282AV Datasheet HTML 38Page - Altera Corporation EPF8282AV Datasheet HTML 39Page - Altera Corporation EPF8282AV Datasheet HTML 40Page - Altera Corporation EPF8282AV Datasheet HTML 41Page - Altera Corporation EPF8282AV Datasheet HTML 42Page - Altera Corporation EPF8282AV Datasheet HTML 43Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 61 page
background image
Altera Corporation
39
FLEX 8000 Programmable Logic Device Family Data Sheet
3
EPF8282AV External Timing Parameters
EPF8282AV Logic Element Timing Parameters
Symbol
A-3 Speed Grade
A-4 Speed Grade
Unit
Min
Max
Min
Max
tLUT
3.2
7.3
ns
tCLUT
0.0
1.4
ns
tRLUT
1.5
5.1
ns
tGATE
0.0
0.0
ns
tCASC
0.9
2.8
ns
tCICO
0.6
1.5
ns
tCGEN
0.7
2.2
ns
tCGENR
1.5
3.7
ns
tC
2.5
4.7
ns
tCH
4.0
6.0
ns
tCL
4.0
6.0
ns
tCO
0.6
0.9
ns
tCOMB
0.6
0.9
ns
tSU
1.2
2.4
ns
tH
1.5
4.6
ns
tPRE
0.8
1.3
ns
tCLR
0.8
1.3
ns
Symbol
A-3 Speed Grade
A-4 Speed Grade
Unit
Min
Max
Min
Max
tDRR
24.8
50.1
ns
tODH
1.0
1.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com