Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPF8282AV Datasheet(PDF) 29 Page - Altera Corporation

Part # EPF8282AV
Description  PROGRAMMABLE LOGIC DEVICES FAMILY
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282AV Datasheet(HTML) 29 Page - Altera Corporation

Back Button EPF8282AV Datasheet HTML 25Page - Altera Corporation EPF8282AV Datasheet HTML 26Page - Altera Corporation EPF8282AV Datasheet HTML 27Page - Altera Corporation EPF8282AV Datasheet HTML 28Page - Altera Corporation EPF8282AV Datasheet HTML 29Page - Altera Corporation EPF8282AV Datasheet HTML 30Page - Altera Corporation EPF8282AV Datasheet HTML 31Page - Altera Corporation EPF8282AV Datasheet HTML 32Page - Altera Corporation EPF8282AV Datasheet HTML 33Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
Altera Corporation
29
FLEX 8000 Programmable Logic Device Family Data Sheet
3
Notes to tables:
(1)
See the Operating Requirements for Altera Devices Data Sheet in this data book.
(2)
Minimum DC input is –0.3 V. During transitions, the inputs may undershoot to –2.0 V or overshoot to 7.0 V for
periods shorter than 20 ns under no-load conditions.
(3)
The maximum VCC rise time is 100 ms.
(4)
Numbers in parentheses are for industrial-temperature-range devices.
(5)
Typical values are for TA = 25° C and VCC = 5.0 V.
(6)
These values are specified under “FLEX 8000 5.0-V Device Recommended Operating Conditions” on page 27.
(7)
The IOH parameter refers to high-level TTL or CMOS output current; the IOL parameter refers to low-level TTL or
CMOS output current.
(8)
Capacitance is sample-tested only.
FLEX 8000 3.3-V Device Absolute Maximum Ratings
Note (1)
FLEX 8000 3.3-V Device Recommended Operating Conditions
FLEX 8000 3.3-V Device DC Operating Conditions
Note (4)
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply voltage
With respect to ground,
Note (2)
–2.0
5.3
V
VI
DC input voltage
–2.0
5.3
V
IOUT
DC output current, per pin
–25
25
mA
TSTG
Storage temperature
No bias
–65
150
° C
TAMB
Ambient temperature
Under bias
–65
135
° C
TJ
Junction temperature
Plastic packages, under bias
135
° C
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply voltage
Note (3)
3.0
3.6
V
VI
Input voltage
0VCC
V
VO
Output voltage
0VCC
V
TA
Operating temperature
For commercial use
0
70
° C
tR
Input rise time
40
ns
tF
Input fall time
40
ns
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
High-level input voltage
2.0
VCC + 0.3
V
VIL
Low-level input voltage
–0.3
0.8
V
VOH
High-level output voltage
IOH = –0.1 mA DC, Note (5)
VCC – 0.2
V
VOL
Low-level output voltage
IOL = 4 mA DC, Note (5)
0.45
V
II
Input leakage current
VI = VCC or ground
–10
10
µA
IOZ
Tri-state output off-state current
VO = VCC or ground
–40
40
µA
ICC0
VCC supply current (standby)
VI = ground, no load, Note (6)
0.3
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com