Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC3255 Datasheet(PDF) 3 Page - First Components International

Part # FC3255
Description  1.5A PWM Switching Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC3255 Datasheet(HTML) 3 Page - First Components International

  FC3255 Datasheet HTML 1Page - First Components International FC3255 Datasheet HTML 2Page - First Components International FC3255 Datasheet HTML 3Page - First Components International FC3255 Datasheet HTML 4Page - First Components International FC3255 Datasheet HTML 5Page - First Components International FC3255 Datasheet HTML 6Page - First Components International FC3255 Datasheet HTML 7Page - First Components International FC3255 Datasheet HTML 8Page - First Components International FC3255 Datasheet HTML 9Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
BLOCK DIAGRAM
VCC
SS
FB
AGND
VSW
PGND
Shutdown
Delay
Timer
2.0V
Regulator
Thermal
Shutdown
Sync
Oscillator
Frequency
Shift 5 :1
PWM
Latch
S
Q
Driver
0.4 V Detector
1.276 V
Positive
Error Amp
-
+
Slope
Compensation
PWM
Comparator
+ -
VC
Switch
63mW
Ramp
Summer
X 5
R
MAXIMUM RATINGS:
PIN NAME
IC Power Input
Shutdown / Sync
Loop Compensation
Voltage Feedback Input
Test Pin
Power Ground
Analog Ground
Switch Input
PIN SYMBOL
V
CC
SS
V
C
FB
Test
PGND
AGND
V
SW
V
MAX
30 V
30 V
6 V
10 V
6 V
0.3 V
0 V
40 V
V
MIN
-0.3 V
-0.3 V
-0.3 V
-0.3 V
-0.3 V
-0.3 V
0 V
-0.3 V
I
SOURCE
N / A
1 mA
10 mA
1 mA
1 mA
4 A
N / A
10 mA
I
SINK
200 mA
1 mA
10 mA
1 mA
1.0 mA
10 mA
10 mA
3 A
Test
4µA
FC3255 1.5A PWM Switching Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com