Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC3255 Datasheet(PDF) 8 Page - First Components International

Part # FC3255
Description  1.5A PWM Switching Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC3255 Datasheet(HTML) 8 Page - First Components International

Back Button FC3255 Datasheet HTML 4Page - First Components International FC3255 Datasheet HTML 5Page - First Components International FC3255 Datasheet HTML 6Page - First Components International FC3255 Datasheet HTML 7Page - First Components International FC3255 Datasheet HTML 8Page - First Components International FC3255 Datasheet HTML 9Page - First Components International FC3255 Datasheet HTML 10Page - First Components International FC3255 Datasheet HTML 11Page - First Components International FC3255 Datasheet HTML 12Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Consequently, the current limit of the internal power
transistor current is reduced from its nominal value.
Switch Driver and Power Switch
The switch driver receives a control signal from the
logic section to drive the output power switch. The
switch is grounded through emitter resistors (63mW to-
tal) to the PGND pin. PGND is not connected to the
IC substrate so that switching noise can be isolated
from the analog ground. The peak switching current is
clamped by an internal circuit. The clamp current is
guaranteed to be greater than 1.5A and varies with
duty cycle due to slope compensation. The power
switch can withstand a maximum voltage of 40V on
the collector(V
pin). The saturation voltage of the
SW
switch is typically less than 1V to minimize power dis-
sipation.
Short Circuit Condition
When a short circuit condition happens in a boost
circuit, the inductor current will increase during the
whole switching cycle, causing excessive current to
be drawn from the input power supply. Since control
ICs don's have the means to limit load current, an ex-
ternal current limit circuit(such as a fuse or relay) has
to be implemented to protect the load, power supply
and ICs.
In other topologies, the frequency shift built into the
IC prevents damage to the chip and external compo-
nents. This feature reduces the minimum duty cycle
and allows the transformer secondary to absorb ex-
cess energy before the switch turns back on.
3255 can be activated by either connecting the
V
pin to a voltage source or by enabling the SS pin.
CC
When the V
voltage is below the minimum supply
CC
voltage, the V
pin is in high impedance. Therefore,
SW
current conduces directly from the input power source
to the output through the inductor and diode. Once
V
reaches approximately 1.5V, the internal power
CC
switch briefly turns on. This is a part of nor-
mal operation. The turn-on of the power switch ac-
counts for the initial current swing.
When the V
pin voltage rises above the threshold,
C
the internal power switch starts to switch and a volt-
age pulse can be seen at the V
pin. Detecting a
SW
low output voltage at the FB pin, the built-in fre-
quency shift feature reduces the switching frequency
to a fraction of its nominal value, reducing the mini-
mum duty cycle, which is otherwise limited by the min-
imum on-time of the switch. The peak current during
this phase is clamped by the internal current limit.
When the FB pin voltage rises above 0.4V, the fre-
quency increases to its nominal value, and the peak
current begins to decrease as the output ap-
proaches the regulation voltage. The overshoot of
the output voltage is prevented by the active pull-on,
by which the sink current of the error amplifier is in-
creased once an overvoltage condition is detected.
The overvoltage condition is defined as when the FB
pin voltage is 50mV greater than the reference volt-
age.
COMPONENT SELECTION
Frequency Compensation
The goal of frequency compensation is to achieve
desirable transient response and DC regulation
while ensuring the stability of the system. A typical
compensation network, as shown in Figure 9, pro-
vides a frequency response of two poles and one
zero. This frequency response is further illustrated in
the Bode plot shown in Figure 9.
The high DC gain in Figure 10 is desirable for
achieving DC accuracy over ling and load variations.
The DC gain of a transconductance error amplifier
can be calculated as follows:
Where:
The low frequency pole, f , is determined by the er-
p1
ror amplifier output resistance and C1 as:
The first zero generated C1 and R1 is:
GM3255
VC
GND
R1
C1
C2
Gain
= G x R
DC
M
O
G
= error amplifier transconductance;
M
R = error amplifier output resistance 1MW
O
Figure 9. A Typical Compensation Network
f
=
z1
1
2pC1R1
f
=
P1
1
2pC1RO
FC3255 1.5A PWM Switching Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com