Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC3255 Datasheet(PDF) 17 Page - First Components International

Part # FC3255
Description  1.5A PWM Switching Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC3255 Datasheet(HTML) 17 Page - First Components International

Back Button FC3255 Datasheet HTML 10Page - First Components International FC3255 Datasheet HTML 11Page - First Components International FC3255 Datasheet HTML 12Page - First Components International FC3255 Datasheet HTML 13Page - First Components International FC3255 Datasheet HTML 14Page - First Components International FC3255 Datasheet HTML 15Page - First Components International FC3255 Datasheet HTML 16Page - First Components International FC3255 Datasheet HTML 17Page - First Components International FC3255 Datasheet HTML 18Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
VOUT
-3 V
250mA
VIN
5V
8
3
1
+
+
R4
2k
R2
4.99k
1%
R1
1k
1%
C4
0.047µF
C6
0.1 µF
C3
47µF
16V
C1
22 µF
10V
C2
47 µF
16V
C5
0.0047µF
4
1
3
L1
2
D1
+
5
4
7
6
VIN
S/S
GND
GND S
V
NFB
VC
SW
Figure 26. Low Ripple 5V to -3V "Cuk" Converter
ON
OFF
2.7V TO
VIN
DIMMING
D2
1N4148
Q2
1N5818
D1
1N4148
562 W*
20k
10k
330 W
10
1
2
3
4
5
Q1
10
µF
C1
0.1
µF
4.5V
TO 30V
VIN
V
SW
VFB
VC
GND
S/S
5
8
4
2
1
6, 7
3255
2
µF
0.1
µF
L1
33 µF
T1
LAMP
C2
27pF
5mA MAX
2.2
µF
5.5V
22k
1N4148
OPTIONAL REMOTE
DIMMING
+
+
+
Figure 27. CCFL Supply
VIN
4V TO 9V
1
2
8
5
4
6, 7
3255
VIN
GND
VC
FB
S/S
C1
33 µF
20V
C4
0.047µF
C5
0.0047µF
R1
2k
R3
6.19k
1%
R2
18.7k
1%
V OUT
5V
C3
100 µF
10V
ON
OFF
L1A
10 µH
L1B
10 µH
C2
1 µF
MBRS130LT3
+
+
SW
V
Figure 28. 2 Li - Lion Cell to 5V SEPIC Converter
FC3255 1.5A PWM Switching Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com