Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC3255 Datasheet(PDF) 4 Page - First Components International

Part # FC3255
Description  1.5A PWM Switching Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC3255 Datasheet(HTML) 4 Page - First Components International

  FC3255 Datasheet HTML 1Page - First Components International FC3255 Datasheet HTML 2Page - First Components International FC3255 Datasheet HTML 3Page - First Components International FC3255 Datasheet HTML 4Page - First Components International FC3255 Datasheet HTML 5Page - First Components International FC3255 Datasheet HTML 6Page - First Components International FC3255 Datasheet HTML 7Page - First Components International FC3255 Datasheet HTML 8Page - First Components International FC3255 Datasheet HTML 9Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ELECTRICAL CHARACTERISTICS
(2.7 V < V
< 30 V; Industrial Grade: 0°C < T < 70°C; Commercial Grade: 0°C < T < 125°C; unless otherwise noted)
CC
J
J
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FB Reference Voltage
FB Input Current
FB Reference Voltage Line
Regulation
Error Amp
Transconductance
Error Amp Gain
Error Amp Gain
Negative
V Source Current
C
V Sink Current
C
V High Clamp Voltage
C
V
Low Clamp Voltage
C
Base Operating Frequency
Reduced Operating Frequency
Maximum Duty Cycle
FB Frequency Shift Threshold
Sync Range
Sync Pulse Transition
Threshold
SS Bias Current
Shutdown Threshold
Shutdown Delay
Error Amplifier Section
Oscillator Section
Sync/ Shutdown Section
Sync Range
Shutdown Threshold
V tied to FB; measure at FB
C
FB = V
REF
V = FB
C
I
= ±25 µA
VC
(Note 2)
(Note 2)
FB = 1.0V, V =1.25V
C
FB = 1.5V, V = 1.25V
C
FB = 1.0V; V sources 25µA
C
FB = 1.5V, V sinks 25µA
C
Reduce V from 1.5V until switching
C
stops
FB = 1.0V
FB = 0V
-
Frequency drops to reduced
operating frequency
Rise time = 20ns
SS = 0V
SS = 3.0V
-
2.7 V
V
12V
CC
12 V < V
30V
CC
1.246
-1.0
-
300
200
100
25
200
1.5
0.25
0.75
230
30
90
0.36
320
2.5
-15
-
0.5
12
12
1.276
0.1
0.01
550
500
180
50
625
1.7
0.50
1.05
280
52
94
0.40
-
-
-3.0
3.0
0.85
80
36
V
µA
% / V
µMho
V / V
V / V
µA
µA
V
V
V
kHz
kHz
%
V
kHz
V
µA
µs
1.300
1.0
0.03
800
-
320
90
1500
1.9
0.65
1.30
310
120
-
0.44
500
-
-
8.0
350
200
1.2
V Threshold
C
(Note 1) The maximum package power dissipation must be observed.
(Note 2) Guaranteed by design, not 100% tested in production.
-
µs
Power Management
FC3255 1.5A PWM Switching Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com