Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC3255 Datasheet(PDF) 14 Page - First Components International

Part # FC3255
Description  1.5A PWM Switching Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC3255 Datasheet(HTML) 14 Page - First Components International

Back Button FC3255 Datasheet HTML 10Page - First Components International FC3255 Datasheet HTML 11Page - First Components International FC3255 Datasheet HTML 12Page - First Components International FC3255 Datasheet HTML 13Page - First Components International FC3255 Datasheet HTML 14Page - First Components International FC3255 Datasheet HTML 15Page - First Components International FC3255 Datasheet HTML 16Page - First Components International FC3255 Datasheet HTML 17Page - First Components International FC3255 Datasheet HTML 18Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Figure 18. Additional Application Diagram, 5.0V to -12V/ 75mA
Inverting Converter
+
+
C2
D2
C3
D1
C4
R2
1
2
3
4
5
6
7
8
22µF
VOUT
-12 V
VC
Test
NFB
SS
0.01µF
C1
VSW
VCC
AGND
PGND
VCC
SS
5.0 V
5.0 k
R1
R3
1.27 k
4.87 k
MBRS120T3
MBRS120T3
L1
22µF
22µH
22µF
3255
3.3 VIN
VC (1)
FB (2)
0.1 µF
VCC (5)
AGND (6)
PGND (7)
VSW (8)
200 pF
MBRS120T3
22 µF
22 µH
Figure 17. Additional Application Diagram, 3.3 V Input, 5.0 V/ 400mA
Output Boost Converter
10 µF
GND
5.0 k
3.6 k
GND
5.0 VO
1.3 k
Figure 19. Additional Application Diagram, 2.7 to 13 V Input, ±12 V/ 200 mA Output
Flyback Converter
3255
µF
µF
µF
µF
+
+
+
+12 V
VC (1 )
FB (2)
VCC (5)
AGND (6)
PGND (7)
VSW (8)
MBRS140T3
22
47
1.0
GND
2.0 k
10.72 k
GND
1.28 k
47
47 nF
4.7 nF
VCC
-12 V
T1
1:2
P6KE-15A
1N4148
MBRS140T3
+
FC3255 1.5A PWM Switching Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com