Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT3607CE Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT3607CE Datasheet HTML 1Page - Richtek Technology Corporation RT3607CE Datasheet HTML 2Page - Richtek Technology Corporation RT3607CE Datasheet HTML 3Page - Richtek Technology Corporation RT3607CE Datasheet HTML 4Page - Richtek Technology Corporation RT3607CE Datasheet HTML 5Page - Richtek Technology Corporation RT3607CE Datasheet HTML 6Page - Richtek Technology Corporation RT3607CE Datasheet HTML 7Page - Richtek Technology Corporation RT3607CE Datasheet HTML 8Page - Richtek Technology Corporation RT3607CE Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
4
RT3607CE
www.richtek.com
DS3607CE-01 June 2016
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Block Diagram
Loop Control Protection
Logic
SVID Interface
Configuration Registers
Control Logic
UVLO
VREF
GND
FB
COMP
RGND
PWM4
ISEN4N
Soft-Start & Slew Rate
Control
VSET_M
ERROR
AMP
From Control Logic
Offset
Cancellation
ISEN4P
ISEN3N
ISEN3P
ISEN2N
ISEN2P
ISEN1N
ISEN1P
Current Balance
+
-
+
-
DAC
TON
GEN/
Driver
Interface
+
-
+
-
+
-
+
-
Current Mirror
IC1_M
Current Mirror
Current Mirror
Current Mirror
+
-
OCS_M
IMON
PWM
CMP
+
-
+
RSET_M
TONSET
IMON Filter
IMONI_M
1/3
DVID SR
DVIDTH_M
DVIDWIDTH_M
IB1_M
IC2_M
IB2_M
IC3_M
IB3_M
IC4_M
IB4_M
GM
VREF
OCS_TH_M
QRTH_M
QRWIDTH_M
IB1_M IB2_M IB3_M IB4_M
PS_M
PWM3
PWM2
PWM1
FBA
COMPA
RGNDA
Soft-Start & Slew Rate
Control
VSET_A
ERROR
AMP
From Control Logic
Offset
Cancellation
ISENA3N
ISENA3P
ISENA2N
ISENA2P
ISENA1N
ISENA1P
Current Balance
+
-
+
-
DAC
TON
GEN/
Driver
Interface
+
-
+
-
+
-
Current Mirror
IC1_A
Current Mirror
Current Mirror
+
-
OCS_A
IMONA
PWM
CMP
+
-
+
RSET_A
TONSETA
IMON Filter
IMONI_A
1/3
DVID SR
DVIDTH_A
DVIDWIDTH_A
IB1_A
IC2_A
IB2_A
IC3_A
IB3_A
GM
VREFI
OCS_TH_A
QRTH_A
QRWIDTH_A
IB1_A IB2_A IB3_A
PS_A
PWMA3
PWMA2
PWMA1
+
-
OV_X/NV_X/
OC_PER_X/OC_SUM_X
IC1_M
IC2_M
IC3_M
IC4_M
IC1_A
IC2_A
IC3_A
OCS_M
OCS_A
PS_M PS_A
VID_M
VID_A
ADC
MUX
ADC
MUX
DAC
DVIDTH_X
DVIDWIDTH_X
QR_X
QRWIDTH_X
OCS_TH_X
RSET_X
ICCMAX_X
OCP_PER_X
+
-
Current Mirror
IBIASI
2V
IBIAS
VR address
H/L FSW ramp
DVID SR
Disable DVID compensation
Decrease GTU/SA ramp (only in 1-phase)
Zero load-line
Anti-OVS
Anti-OVS behavior
AI gain
PSYS function
Anti-OVS behavior
Anti-OVS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com