Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT3607CE Datasheet(PDF) 29 Page - Richtek Technology Corporation

Part # RT3607CE
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3607CE Datasheet(HTML) 29 Page - Richtek Technology Corporation

Back Button RT3607CE Datasheet HTML 25Page - Richtek Technology Corporation RT3607CE Datasheet HTML 26Page - Richtek Technology Corporation RT3607CE Datasheet HTML 27Page - Richtek Technology Corporation RT3607CE Datasheet HTML 28Page - Richtek Technology Corporation RT3607CE Datasheet HTML 29Page - Richtek Technology Corporation RT3607CE Datasheet HTML 30Page - Richtek Technology Corporation RT3607CE Datasheet HTML 31Page - Richtek Technology Corporation RT3607CE Datasheet HTML 32Page - Richtek Technology Corporation RT3607CE Datasheet HTML 33Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 69 page
background image
29
RT3607CE
DS3607CE-01 June 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
SET3
R1 R2
V80μA
R1 R2

EN PSYS
EN HIGH
FREQ RAMP
DVID SR
Disable DIVD
Compensation
Decrease GTU/SA
Ramp
(Only active as max
phase number =1)
Min
Typical
Max
Unit
800.782 811.730 822.678
mV
Enable
Disable
33.75mV/
s
Disable
Disable
825.806 836.755 847.703
mV
850.831 861.779 872.727
mV
Enable
875.855 886.804 897.752
mV
900.880 911.828 922.776
mV
Enable
Disable
925.904 936.852 947.801
mV
950.929 961.877 972.825
mV
Enable
975.953 986.901 997.849
mV
1000.978 1011.926 1022.874 mV
11.25mV/
s
Disable
Disable
1026.002 1036.950 1047.898 mV
1051.026 1061.975 1072.923 mV
Enable
1076.051 1086.999 1097.947 mV
1101.075 1112.023 1122.972 mV
Enable
Disable
1126.100 1137.048 1147.996 mV
1151.124 1162.072 1173.021 mV
Enable
1176.149 1187.097 1198.045 mV
1201.173 1212.121 1223.069 mV
Enable
33.75mV/
s
Disable
Disable
1226.197 1237.146 1248.094 mV
1251.222 1262.170 1273.118 mV
Enable
1276.246 1287.195 1298.143 mV
1301.271 1312.219 1323.167 mV
Enable
Disable
1326.295 1337.243 1348.192 mV
1351.320 1362.268 1373.216 mV
Enable
1376.344 1387.292 1398.240 mV
1401.369 1412.317 1423.265 mV
11.25mV/
s
Disable
Disable
1426.393 1437.341 1448.289 mV
1451.417 1462.366 1473.314 mV
Enable
1476.442 1487.390 1498.338 mV
1501.466 1512.414 1523.363 mV
Enable
Disable
1526.491 1537.439 1548.387 mV
1551.515 1562.463 1573.412 mV
Enable
1576.540 1587.488 1598.436 mV
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com