Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7200R Datasheet(PDF) 3 Page - NEC

Part # PS7200R
Description  NECs 4 PIN SOP, 1.1 pF LOW OUTPUT CAPACITANCE 1-ch OPTICAL COUPLED MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7200R Datasheet(HTML) 3 Page - NEC

  PS7200R Datasheet HTML 1Page - NEC PS7200R Datasheet HTML 2Page - NEC PS7200R Datasheet HTML 3Page - NEC PS7200R Datasheet HTML 4Page - NEC PS7200R Datasheet HTML 5Page - NEC PS7200R Datasheet HTML 6Page - NEC PS7200R Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
P
S
7
2
0
0
R
California Eastern Laboratories-
1A
TYPICAL PERFORMANCE CURVES (TA = 25ûC)
FORWARD VOLTAGE
vs. AMBIENT TEMPERATURE
OUTPUT CAPACITANCE
vs. APPLIED VOLTAGE
Ambient Temperature (TA ûC)
Applied Voltage, VD (V)
1.6
1.4
1.2
1.0
0.8
-25
0
25
50
75
100
30 mA
20 mA
10 mA
5 mA
1 mA
IF = 50 mA
f = 1 MHz
5.0
4.0
3.0
2.0
1.0
0
010
20
30
40
50
60
10-7
10-8
10-9
10-10
10-11
10-12
10-13
020
40
6080
100
VD = 40 V
200
100
IF = 10 mA
-100
-200
-1.0
1.0
-2.0
2.0
0
3.0
Normalized to 1.0
at TA = 25ûC,
IF = 10 mA
IL = 10 mA
2.5
2.0
1.5
1.0
0.5
0.0
-25
0
25
50
75
100
60
50
40
30
20
10
0
9.2
9.4
9.6
9.8
10.0
n = 50 pcs
IF = 10 mA
IL = 10 mA
OFF-STATE LEAKAGE CURRENT
vs. AMBIENT TEMPERATURE
LOAD CURRENT vs. LOAD VOLTAGE
Ambient Temperature,TA (ûC)
On-state Resistance, Ron (Ω)
NORMALIZED ON-STATE RESISTANCE
vs. AMBIENT TEMPERATURE
Ambient Temperature,TA (ûC)
ON-STATE RESISTANCE DISTRIBUTION
Load Voltage, VL (V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com