Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7200R Datasheet(PDF) 2 Page - NEC

Part # PS7200R
Description  NECs 4 PIN SOP, 1.1 pF LOW OUTPUT CAPACITANCE 1-ch OPTICAL COUPLED MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7200R Datasheet(HTML) 2 Page - NEC

  PS7200R Datasheet HTML 1Page - NEC PS7200R Datasheet HTML 2Page - NEC PS7200R Datasheet HTML 3Page - NEC PS7200R Datasheet HTML 4Page - NEC PS7200R Datasheet HTML 5Page - NEC PS7200R Datasheet HTML 6Page - NEC PS7200R Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SYMBOLS
PARAMETERS
UNITS
RATINGS
Diode
IF
Forward Current (DC)
mA
50
VR
Reverse Voltage
V
5.0
PD
Power Dissipation
mW
50
IFP
Peak Foward Current2
A1
MOS FET
VL
Break Down Voltage
V
40
IL
Continuous Load Current
mA
120
ILP
Pulse Load Current3
mA
240
(AC/DC Connection)
PD
Power Dissipation
mW
200
Coupled
BV
Isolation Voltage4
Vr.m.s.
1500
PT
Total Power Dissipation
mW
250
TA
Operating Ambient Temp.
°C
-40 to +85
TSTG
Storage Temperature
°C
-40 to +100
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. PW = 100 µs, Duty Cycle = 1 %.
3. PW = 100 ms, 1 shot.
4. AC voltage for 1 minute at TA = 25 °C, RH = 60 % between
input and output.
PS7200R-1A
SYMBOLS
PARAMETERS
UNITS
MIN TYP MAX
IF
LED Operating Current
mA
2
10
20
VF
LED Off Voltage
V
0
0.5
RECOMMENDED
OPERATING CONDITIONS (TA = 25°C)
PART NUMBER
PS7200R-1A
OUTLINE DIMENSIONS (Units in mm)
4.0±0.5
2.54
0.4
7.0±0.3
4.4
0.5±0.3
+0.10
-0.05
0.15
1
2
3
4
+0.10
-0.05
2.05
+0.08
-0.05
0.5
+0.08
-0.05
0.25 M
TOP VIEW
1. LED Anode
2. LED Cathode
3. MOSFET
4. MOSFET
100
80
60
40
20
0
-25
0
25
50
75
100
85
150
100
50
0
-25
0
25
50
75 85
100
TYPICAL PERFORMANCE CURVES
(TA = 25ûC)
MAXIMUM FORWARD CURRENT
vs. AMBIENT TEMPERATURE
MAXIMUM LOAD CURRENT
vs. AMBIENT TEMPERATURE
Ambient Temperature (TA ûC)
Ambient Temperature (TA ûC)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com