Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7200R Datasheet(PDF) 1 Page - NEC

Part # PS7200R
Description  NECs 4 PIN SOP, 1.1 pF LOW OUTPUT CAPACITANCE 1-ch OPTICAL COUPLED MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7200R Datasheet(HTML) 1 Page - NEC

  PS7200R Datasheet HTML 1Page - NEC PS7200R Datasheet HTML 2Page - NEC PS7200R Datasheet HTML 3Page - NEC PS7200R Datasheet HTML 4Page - NEC PS7200R Datasheet HTML 5Page - NEC PS7200R Datasheet HTML 6Page - NEC PS7200R Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NEC's 4 PIN SOP, 1.1 pF
LOW OUTPUT CAPACITANCE
1-ch OPTICAL COUPLED MOSFET
PS7200R-1A
FEATURES
•
LOW C X R:
C X R = 11 pF • Ω
• LOW OUTPUT CAPACITANCE:
COUT = 1.1 pF TYP
•1 CHANNEL TYPE:
(1a output)
•
DESIGNED FOR AC/DC SWITCHING LINE CHANGER
•
SMALL AND THIN PACKAGE:
4 pin SOP, Height = 2.1 mm
• HIGH ISOLATION VOLTAGE:
BV = 1500 Vr.m.s.
•
LOW OFFSET VOLTAGE
•
AVAILABLE ON TAPE AND REEL:
PS7200R-1A-E3, E4, F3, F4
DESCRIPTION
NEC's PS7200R-1A is a low output capacitance solid state
relay containing a GaAs LED on the light emitting side (input
side) and MOS FETs on the output side.
It is suitable for high-frequency signal control, due to its low
C x R, low output capacitance, and low off-state leakage
current.
APPLICATIONS
•
MEASUREMENT EQUIPMENT
PART NUMBER
PS7200R-1A
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
VF
Forward Voltage, IF = 10 mA
V
1.2
1.4
IR
Reverse Current, VR = 5 V
µA
5.0
ILOFF
Off-State Leakage Current, VD = 40 V
nA
10
COUT
Output Capacitance, V = 0 V, f = 1 MHz
pF
1.1
IFon
LED On-state Current, IL = 120 mA
mA
2.0
RON1
On-State Resistance, IF = 10 mA, IL = 10 mA
Ω
10
12.5
RON2
IF = 10 mA, IL = 120 mA, t ≤ 10 ms
Ω
11
14
tON
Turn-on Time, IF = 10 mA, VO = 5 V, RL = 500 Ω, PW ≥ 10 ms
ms
0.03
0.5
tOFF
Turn-off Time, IF = 10 mA, VO = 5 V, RL = 500 Ω, PW ≥ 10 ms
ms
0.3
1.0
RI-O
Isolation Resistance, VI-O = 1.0 kVDC
Ω
109
CI-O
Isolation Capacitance, V = 0 V, f = 1 MHz
pF
0.3
ELECTRICAL CHARACTERISTICS (TA = 25 °C)
PS7200R-1A
1
2
3
4
Notes:
1. Test Circuit for Switching Time:
2. The turn-on time and turn-off time are specified as input-pulse width ≥ 10 ms. Be aware that when the device operates with an input-pulse width
of under 10 ms, the turn-on time and turn-off time will increase.
Input
50%
0
VO = 5 V
90%
10%
ton
toff
Output
IF
Pulse Input
Input Monitor
VO Monitor
VL
Rin
RL
California Eastern Laboratories


Similar Part No. - PS7200R

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7200R-1A CEL-PS7200R-1A Datasheet
202Kb / 13P
Solid State Relay OCMOS FET
logo
Renesas Technology Corp
PS7200R-1A RENESAS-PS7200R-1A Datasheet
261Kb / 15P
4-PIN SOP, 1.1 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7200R-1A-A CEL-PS7200R-1A-A Datasheet
202Kb / 13P
Solid State Relay OCMOS FET
PS7200R-1A-E3 CEL-PS7200R-1A-E3 Datasheet
202Kb / 13P
Solid State Relay OCMOS FET
PS7200R-1A-E3-A CEL-PS7200R-1A-E3-A Datasheet
202Kb / 13P
Solid State Relay OCMOS FET
More results

Similar Description - PS7200R

ManufacturerPart #DatasheetDescription
logo
NEC
PS7200A-1A NEC-PS7200A-1A Datasheet
78Kb / 12P
4-PIN SOP 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
PS7801 NEC-PS7801 Datasheet
157Kb / 7P
NECs 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
PS7802 NEC-PS7802 Datasheet
168Kb / 7P
NECs 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
logo
California Eastern Labs
PS7200U-1A CEL-PS7200U-1A Datasheet
378Kb / 8P
NECs 4-PIN SOP LOW OFF-STATE LEAKAGE CURRENT 1-ch OPTICAL COUPLED MOS FET
logo
NEC
PS7200A-1A NEC-PS7200A-1A_01 Datasheet
67Kb / 7P
4 PIN SOP 3.0 pF LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET
logo
California Eastern Labs
PS7200A-1A CEL-PS7200A-1A Datasheet
202Kb / 13P
4-PIN SOP, 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7200A-1A RENESAS-PS7200A-1A Datasheet
317Kb / 15P
4-PIN SOP, 3.0 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7200J-1A RENESAS-PS7200J-1A Datasheet
224Kb / 14P
4-PIN SOP 1.7 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7200K-1A RENESAS-PS7200K-1A Datasheet
261Kb / 15P
4-PIN SOP, 1.1 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7200R-1A RENESAS-PS7200R-1A Datasheet
261Kb / 15P
4-PIN SOP, 1.1 pF LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com