Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7200R Datasheet(PDF) 4 Page - NEC

Part # PS7200R
Description  NECs 4 PIN SOP, 1.1 pF LOW OUTPUT CAPACITANCE 1-ch OPTICAL COUPLED MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7200R Datasheet(HTML) 4 Page - NEC

  PS7200R Datasheet HTML 1Page - NEC PS7200R Datasheet HTML 2Page - NEC PS7200R Datasheet HTML 3Page - NEC PS7200R Datasheet HTML 4Page - NEC PS7200R Datasheet HTML 5Page - NEC PS7200R Datasheet HTML 6Page - NEC PS7200R Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TURN-OFF TIME vs. FORWARD CURRENT
Turn-off Time toff (ms)
05
10
15
20
25
30
0.10
0.08
0.06
0.04
0.02
VO = 5 V
RL = 500 Ω
Forward Current IF (mA)
TURN-ON TIME vs. FORWARD CURRENT
Forward Current IF (mA)
60
50
40
30
20
10
0
0.01
0.02
0.03
0.04
0.05
n = 50 pcs
IF = 10 mA
VO = 5 V
RL = 500 Ω
60
50
40
30
20
10
0
n = 50 pcs
IF = 10 mA
VO = 5 V,
RL = 500 Ω
0.06
0.06
0.06
0.08
0.08
Turn-on Time ton (ms)
NORMALIZED TURN-OFF TIME
vs. AMBIENT TEMPERATURE
Ambient Temperature,TA (ûC)
Normalized to 1.0
at TA = 25ûC,
IF = 10 mA
VO = 5 V
RL = 500 Ω
3.0
2.0
2.5
1.5
1.0
0.5
0.0
-25
0
25
50
75
100
Normalized to 1.0
at TA = 25ûC,
IF = 10 mA
VO = 5 V
RL = 500 Ω
3.0
2.0
2.5
1.5
1.0
0.5
0.0
-25
0
25
50
75
100
NORMALIZED TURN-ON TIME
vs. AMBIENT TEMPERATURE
Ambient Temperature,TA (ûC)
VO = 5 V,
RL = 500 Ω
2.0
1.6
1.2
0.8
0.4
0
05
10
15
20
25
30
TYPICAL PERFORMANCE CURVES (TA = 25ûC)
PS7200R-1A
TURN-ON TIME vs. FORWARD CURRENT
TURN-ON TIME vs. FORWARD CURRENT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com