Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7450EC Datasheet(PDF) 31 Page - Motorola, Inc

Part # MPC7450EC
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450EC Datasheet(HTML) 31 Page - Motorola, Inc

Back Button MPC7450EC Datasheet HTML 27Page - Motorola, Inc MPC7450EC Datasheet HTML 28Page - Motorola, Inc MPC7450EC Datasheet HTML 29Page - Motorola, Inc MPC7450EC Datasheet HTML 30Page - Motorola, Inc MPC7450EC Datasheet HTML 31Page - Motorola, Inc MPC7450EC Datasheet HTML 32Page - Motorola, Inc MPC7450EC Datasheet HTML 33Page - Motorola, Inc MPC7450EC Datasheet HTML 34Page - Motorola, Inc MPC7450EC Datasheet HTML 35Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
MOTOROLA
MPC7450 RISC Microprocessor Hardware Specifications
31
Pinout Listings for the 483 CBGA Package
1.7
Pinout Listings for the 483 CBGA Package
Table 15 provides the pinout listing for the MPC7450, 483 CBGA package.
Table 15. Pinout Listing for the MPC7450, 483 CBGA Package
Signal Name
Pin Number
Active
I/O
I/F Select1
Notes
A[0:35]
E10, N4, E8, N5, C8, R2, A7, M2, A6, M1,
A10, U2, N2, P8, M8, W4, N6, U6, R5, Y4,
P1, P4, R6, M7, N7, AA3, U4, W2, W1, W3,
V4, AA1, D10, J4, G10, D9
High
I/O
BVSEL
11
AACK
U1
Low
Input
BVSEL
AP[0:4]
L5, L6, J1, H2, G5
High
I/O
BVSEL
ARTRY
T2
Low
I/O
BVSEL
8
AVDD
B2
—
Input
N/A
BG
R3
Low
Input
BVSEL
BMODE0
C6
Low
Input
BVSEL
5
BMODE1
C4
Low
Input
BVSEL
6
BR
K1
Low
Output
BVSEL
BVSEL
G6
High
Input
N/A
3, 7
CI
R1
Low
Output
BVSEL
8
CKSTP_IN
F3
Low
Input
BVSEL
CKSTP_OUT
K6
Low
Output
BVSEL
CLK_OUT
N1
High
Output
BVSEL
D[0:63]
AB15, T14, R14, AB13, V14, U14, AB14,
W16, AA11, Y11, U12, W13, Y14, U13, T12,
W12, AB12, R12, AA13, AB11, Y12, V11,
T11, R11, W10, T10, W11, V10, R10, U10,
AA10, U9, V7, T8, AB4, Y6, AB7, AA6, Y8,
AA7, W8, AB10, AA16, AB16, AB17, Y18,
AB18, Y16, AA18, W14, R13, W15, AA14,
V16, W6, AA12, V6, AB9, AB6, R7, R9, AA9,
AB8, W9
High
I/O
BVSEL
DBG
V1
Low
Input
BVSEL
DP[0:7]
AA2, AB3, AB2, AA8, R8, W5, U8, AB5
High
I/O
BVSEL
DRDY
T6
Low
Output
BVSEL
4
DTI[0:3])
P2, T5, U3, P6
High
Input
BVSEL
4, 13
EXT_QUAL
B9
High
Input
BVSEL
9
GBL
M4
Low
I/O
BVSEL
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com