Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7450EC Datasheet(PDF) 43 Page - Motorola, Inc

Part # MPC7450EC
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450EC Datasheet(HTML) 43 Page - Motorola, Inc

Back Button MPC7450EC Datasheet HTML 39Page - Motorola, Inc MPC7450EC Datasheet HTML 40Page - Motorola, Inc MPC7450EC Datasheet HTML 41Page - Motorola, Inc MPC7450EC Datasheet HTML 42Page - Motorola, Inc MPC7450EC Datasheet HTML 43Page - Motorola, Inc MPC7450EC Datasheet HTML 44Page - Motorola, Inc MPC7450EC Datasheet HTML 45Page - Motorola, Inc MPC7450EC Datasheet HTML 46Page - Motorola, Inc MPC7450EC Datasheet HTML 47Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
MOTOROLA
MPC7450 RISC Microprocessor Hardware Specifications
43
System Design Information
Figure 23. JTAG Interface Connection
1.9.9
Thermal Management Information
This section provides thermal management information for the ceramic ball grid array (CBGA) package for
air-cooled applications. Proper thermal control design is primarily dependent on the system-level
design—the heat sink, airflow, and thermal interface material. To reduce the die-junction temperature, heat
HRESET
HRESET
From Target
Board Sources
HRESET
13
SRESET
SRESET
SRESET
NC
NC
11
VDD_SENSE
6
51
15
2 k
Ω
10 k
Ω
10 k
Ω
10 k
Ω
OVDD
OVDD
OVDD
OVDD
CHKSTP_IN
CHKSTP_IN
8
TMS
TDO
TDI
TCK
TMS
TDO
TDI
TCK
9
1
3
4
TRST
7
16
2
10
12
(if any)
142
Key
Notes:
1. RUN/STOP, normally found on pin 5 of the COP header, is not implemented on the MPC7450.
Connect pin 5 of the COP header to OVDD with a 10 KΩ pull-up resistor.
2. Key location; Pin 14 is not physically present on the COP header.
.
QACK
OVDD
OVDD
10 k
Ω
OVDD
2 k
Ω3
GND
3. Component not populated. Populate only if JTAG interface is unused.
TRST
10 k
Ω
OVDD
10 k
Ω
10 k
Ω
QACK
2 k
Ω4
QACK
CHKSTP_OUT
CHKSTP_OUT
3
13
9
5
1
6
10
2
15
11
7
16
12
8
4
KEY
No pin
COP Connector
Physical Pin Out
4. Component not populated. Populate only if debug tool does not drive QACK.
10 k
Ω5
OVDD
5. Populate only if debug tool uses an open-drain type output and does not actively deassert QACK.
1
2 k
Ω4
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com