Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7450EC Datasheet(PDF) 8 Page - Motorola, Inc

Part # MPC7450EC
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450EC Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MPC7450EC Datasheet HTML 4Page - Motorola, Inc MPC7450EC Datasheet HTML 5Page - Motorola, Inc MPC7450EC Datasheet HTML 6Page - Motorola, Inc MPC7450EC Datasheet HTML 7Page - Motorola, Inc MPC7450EC Datasheet HTML 8Page - Motorola, Inc MPC7450EC Datasheet HTML 9Page - Motorola, Inc MPC7450EC Datasheet HTML 10Page - Motorola, Inc MPC7450EC Datasheet HTML 11Page - Motorola, Inc MPC7450EC Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
8
MPC7450 RISC Microprocessor Hardware Specifications
MOTOROLA
Comparison with the MPC7400
Out-of-Order Window Size in Execution Queues
SFX Integer Units
1 Entry
× 3 Queues
1 Entry
× 2 Queues
Vector Units
In Order, 4 Queues
In Order, 2 Queues
Scalar Floating-Point Unit
In Order
In Order
Branch Processing Resources
Prediction Structures
BTIC, BHT, Link Stack
BTIC, BHT
BTIC Size, Associativity
128-Entry, 4-Way
64-Entry, 4-Way
BHT Size
2K-Entry
512-Entry
Link Stack Depth
8
None
Unresolved Branches Supported
3
2
Branch Taken Penalty (BTIC Hit)
1
0
Minimum Misprediction Penalty
6
4
Execution Unit Timings (Latency-Throughput)
Aligned Load (Integer, Float, Vector)
3-1, 4-1, 3-1
2-1, 2-1, 2-1
Misaligned Load (Integer, Float, Vector)
4-2, 5-2, 4-2
3-2, 3-2, 3-2
L1 Miss, L2 Hit Latency
6 (9)
9 (11)1
SFX (aDd Sub, Shift, Rot, Cmp, Logicals)
1-1
1-1
Integer Multiply (32
× 8, 32 × 16, 32 × 32)
3-1, 3-1, 4-2
2-1, 3-2, 5-4
Scalar Float
5-1
3-1
VSFX (Vector Simple)
1-1
1-1
VCFX (Vector Complex)
4-1
3-1
VFPU (Vector Float)
4-1
4-1
VPER (Vector Permute)
2-1
1-1
MMUs
MMUs (Instruction and Data)
128-Entry, 2-Way
128-Entry, 2-Way
Tablewalk Mechanism
Hardware + Software
Hardware
L1 I Cache/D Cache Features
Size
32K/32K
32K/32K
Associativity
8-Way
8-Way
Locking Granularity/Style
4-Kbyte/Way
Full Cache
Parity on I Cache
Word
None
Parity on D Cache
Byte
None
Number of D Cache Misses (Load/Store)
5/1
8 (Any Combination)
Data Stream Touch Engines
4 Streams
4 Streams
On-Chip Cache Features
Cache Level
L2
None (Except L1)
Table 1. Microarchitecture Comparison (continued)
Microarchitectural Specs
MPC7450
MPC7400/MPC7410
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com