Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7450EC Datasheet(PDF) 34 Page - Motorola, Inc

Part # MPC7450EC
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450EC Datasheet(HTML) 34 Page - Motorola, Inc

Back Button MPC7450EC Datasheet HTML 30Page - Motorola, Inc MPC7450EC Datasheet HTML 31Page - Motorola, Inc MPC7450EC Datasheet HTML 32Page - Motorola, Inc MPC7450EC Datasheet HTML 33Page - Motorola, Inc MPC7450EC Datasheet HTML 34Page - Motorola, Inc MPC7450EC Datasheet HTML 35Page - Motorola, Inc MPC7450EC Datasheet HTML 36Page - Motorola, Inc MPC7450EC Datasheet HTML 37Page - Motorola, Inc MPC7450EC Datasheet HTML 38Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
34
MPC7450 RISC Microprocessor Hardware Specifications
MOTOROLA
Package Description
1.8
Package Description
The following sections provide the package parameters and mechanical dimensions for the CBGA package.
1.8.1
Package Parameters for the MPC7450, 483 CBGA
The package parameters are as provided in the following list. The package type is 29
× 29 mm, 483-lead
ceramic ball grid array (CBGA).
Package outline
29
× 29 mm
Interconnects
483 (22
× 22 ball array – 1)
Pitch
1.27 mm (50 mil)
Minimum module height
—
Maximum module height
3.22 mm
Ball diameter
0.89 mm (35 mil)
VDD
J9, J11, J13, J15, K10, K12, K14, L9, L11,
L13, L15, M10, M12, M14, N9, N11, N13,
N15, P10, P12, P14
—
—
N/A
Notes:
1.
OVDD supplies power to the processor bus, JTAG, and all control signals except the L3 cache controls
(L3CTL[0:1]); GVDD supplies power to the L3 cache interface (L3ADDR[0:17], L3DATA[0:63], L3DP[0:7],
L3_ECHO_CLK[0:3], and L3_CLK[0:1]) and the L3 control signals L3_CNTL[0:1]; and VDD supplies power to the
processor core and the PLL (after filtering to become AVDD). For actual recommended value of Vin or supply
voltages, see Table 4.
2.
These input signals are for factory use only and must be pulled up to OVDD for normal machine operation.
3.
To program the processor interface I/O voltage, connect BVSEL to either GND (selects 1.8 V) or to HRESET
(selects 2.5 V). To program the L3 interface, connect L3VSEL to either GND (selects 1.8 V) or to HRESET
(selects 2.5 V) or to HRESET (selects 1.5 V). If used, pulldown resistors should be less than 250
Ω.
4.
Ignored in 60x bus mode.
5.
This signal selects between MPX bus mode (asserted) and 60x bus mode (negated) and will be sampled at
HRESET going high.
6.
This signal must be negated during reset, by pull-up to OVDD or negation by ¬HRESET (inverse of HRESET), to
ensure proper operation.
7.
Internal pull-up on die.
8.
These pins require weak pull-up resistors (for example, 4.7 k
Ω) to maintain the control signals in the negated
state after they have been actively negated and released by the MPC7450 and other bus masters.
9.
These input signals for factory use only and must be pulled down to GND for normal machine operation.
10. This pin can externally enable the performance monitor counters (PMC) if they are internally enabled by the
software. If it will not be used to control the PMC, it should be pulled down to GND so that the software can
enable the PMC.
11. Unused address pins must be pulled down to GND.
12. This test signal is recommended to be tied to HRESET; however, other configurations will not adversely affect
performance.
13. These signals must be pulled down to GND if unused or if the MPC7450 is in 60x bus mode.
14. This signal must be asserted during reset, by pull-down to GND or assertion by HRESET, to ensure proper
operation.
15. Power must be supplied to GVDD, even when the L3 interface is disabled or unused.
Table 15. Pinout Listing for the MPC7450, 483 CBGA Package (continued)
Signal Name
Pin Number
Active
I/O
I/F Select1
Notes
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com