Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7450EC Datasheet(PDF) 9 Page - Motorola, Inc

Part # MPC7450EC
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450EC Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MPC7450EC Datasheet HTML 5Page - Motorola, Inc MPC7450EC Datasheet HTML 6Page - Motorola, Inc MPC7450EC Datasheet HTML 7Page - Motorola, Inc MPC7450EC Datasheet HTML 8Page - Motorola, Inc MPC7450EC Datasheet HTML 9Page - Motorola, Inc MPC7450EC Datasheet HTML 10Page - Motorola, Inc MPC7450EC Datasheet HTML 11Page - Motorola, Inc MPC7450EC Datasheet HTML 12Page - Motorola, Inc MPC7450EC Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
MOTOROLA
MPC7450 RISC Microprocessor Hardware Specifications
9
General Parameters
1.4
General Parameters
The following list provides a summary of the general parameters of the MPC7450:
Technology
0.18 µm CMOS, six-layer metal
Die size
8.69 mm
× 12.17 mm (106 mm2)
Transistor count
33 million
Logic design
Fully static
Packages
MPC7450: Surface mount 483 ceramic ball grid array (CBGA)
Core power supply
1.6 V ± 50 mV DC nominal; (operation up to 1.8 V is supported; see Table 4 for
the recommended operating conditions)
I/O power supply
1.8 V ± 5% DC or
2.5 V ± 5% DC or
1.5 V ± 5% DC (L3 interface only)
1.5
Electrical and Thermal Characteristics
This section provides the AC and DC electrical specifications and thermal characteristics for the MPC7450.
1.5.1
DC Electrical Characteristics
The tables in this section describe the MPC7450 DC electrical characteristics. Table 2 provides the absolute
maximum ratings.
Size/Associativity
256-Kbyte/8-Way
N/A
Access Width
256 Bits
N/A
Number of 32-Byte Sectors/Line
2
N/A
Parity
Byte
N/A
Off-Chip Cache Support
Cache Level
L3
L2
On-Chip Tag Logical Size
1MB, 2MB
0.5MB, 1MB, 2MB
Associativity
8-Way
2-Way
Number of 32-Byte Sectors/Line
2, 4
1, 2, 4
Off-Chip Data SRAM Support
MSUG2 DDR, LW, PB2
LW, PB2, PB3
Data Path Width
64
64
Direct Mapped SRAM Sizes
1 Mbyte, 2 Mbytes
0.5 Mbyte, 1 Mbyte,
2 Mbytes
Parity
Byte
Byte
1 Numbers in parentheses are for 2:1 SRAM.
Table 1. Microarchitecture Comparison (continued)
Microarchitectural Specs
MPC7450
MPC7400/MPC7410
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com