Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7457EC Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MPC7457EC
Description  RISC Microprocessor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457EC Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MPC7457EC Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 5
Freescale Semiconductor
27
Electrical and Thermal Characteristics
Figure 10 shows the L3 bus timing diagrams for the MPC7457 interfaced to MSUG2 SRAMs.
Figure 10. L3 Bus Timing Diagrams for L3 Cache DDR SRAMs
5.2.4.3
L3 Bus AC Specifications for PB2 and Late Write SRAMs
When using PB2 or Late Write SRAMs at the L3 interface, the parts should be connected as shown in Figure 11.
These SRAMs are synchronous to the MPC7457; one L3_CLKn signal is output to each SRAM to latch address,
control, and write data. Read data is launched by the SRAM synchronous to the delayed L3_CLKn signal it received.
The MPC7457 needs a copy of that delayed clock which launched the SRAM read data to know when the returning
data will be valid. Therefore, L3_ECHO_CLK1 and L3_ECHO_CLK3 must be routed halfway to the SRAMs and
returned to the MPC7457 inputs L3_ECHO_CLK0 and L3_ECHO_CLK2, respectively. Thus, L3_ECHO_CLK0
and L3_ECHO_CLK2 are phase-aligned with the input clock received at the SRAMs. The MPC7457 will latch the
incoming data on the rising edge of L3_ECHO_CLK0 and L3_ECHO_CLK2.
Table 14 provides the L3 bus interface AC timing specifications for the configuration shown in Figure 11, assuming
the timing relationships of Figure 12 and the loading of Figure 8.
L3_ECHO_CLK[0,1,2,3]
L3 Data and Data
VM
VM = Midpoint Voltage (GVDD/2)
Parity Inputs
L3_CLK[0,1]
ADDR, L3CNTL
VM
tL3CHOV
tL3CHOX
VM
L3DATA WRITE
tL3CHOZ
VM
VM
VM
VM
tL3CHDV
tL3CHDX
VM
VM
VM
Outputs
Inputs
tL3CLDV
tL3CLDX
tL3CLDZ
tL3DVEH
tL3DXEL
tL3DVEL
tL3DXEH
Note: tL3DVEH and tL3DVEL as drawn here are negative numbers, that is, input setup time is
time after the clock edge.
Note: tL3CHDV and tL3CLDV as drawn here will be negative numbers, that is, output valid time will be
time before the clock edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com