Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7457EC Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MPC7457EC
Description  RISC Microprocessor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457EC Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MPC7457EC Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 5
Freescale Semiconductor
61
Document Revision History
10 Document Revision History
Table 22 provides a revision history for this hardware specification.
Table 22. Document Revision History
Revision
Number
Date
Substantive Change(s)
5
09/09/2004
Updated document to new Freescale template.
Updated section numbering and changed reference from part number specifications to addendums.
Added Rev. 1.2 devices, including increased L3 clock max frequency to 250 MHz and improved L3
AC timing.
Table 5: Added CTE information.
Table 8: Modified jitter specifications to conform to JEDEC standards, changed jitter specification to
cycle-to-cycle jitter (instead of long- and short-term jitter); changed jitter bandwidth
recommendations.
Table 13: Deleted note 9 and renumbered.
Table 14: Deleted note 5 and renumbered.
Table 17: Revised note 6.
Added Section 9.1.3.
Section 9.2: Changed filter resistor recommendations. Recommend 10
Ω resistor for all production
devices, including production Rev. 1.1 devices. 400
Ω resistor needed only for early Rev. 1.1
devices.
Table 22: Reversed the order of revision numbers.
Added Tables 25 and 26.
4.1
Section 9.1.1: Corrected note regarding different PLL configurations for earlier devices; all
MPC7457 devices to date conform to this table.
Section 9.6: Added information about unused L3_ADDR signals.
Table 24: Changed title to include document order information for MPC74x7RXnnnnNx series part
number specification.
4
Table 9: Corrected pin lists for input and output AC timing to correctly show HIT as an output-only
signal
Added specifications for 1267 MHz devices; removed specs for 1300 MHz devices.
Section 5.2.3: Changed recommendations regarding use of L3 clock jitter in AC timing analysis. The
L3 jitter is now fully comprehended in the AC timing specs and does not need to be included in the
timing analysis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com