Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7457EC Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC7457EC
Description  RISC Microprocessor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457EC Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC7457EC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 5
Freescale Semiconductor
13
Electrical and Thermal Characteristics
Table 5 provides the package thermal characteristics for the MPC7457.
Table 6 provides the DC electrical characteristics for the MPC7457.
Table 5. Package Thermal Characteristics 1
Characteristic
Symbol
Value
Unit
Notes
MPC7447
MPC7457
Junction-to-ambient thermal resistance, natural convection
RθJA
22
20
°C/W
2, 3
Junction-to-ambient thermal resistance, natural convection,
four-layer (2s2p) board
RθJMA
14
14
°C/W
2, 4
Junction-to-ambient thermal resistance, 200 ft/min airflow,
single-layer (1s) board
RθJMA
16
15
°C/W
2, 4
Junction-to-ambient thermal resistance, 200 ft/min airflow,
four-layer (2s2p) board
RθJMA
11
11
°C/W
2, 4
Junction-to-board thermal resistance
RθJB
6
6
°C/W
5
Junction-to-case thermal resistance
RθJC
<0.1
<0.1
°C/W
6
Coefficient of thermal expansion
6.8
6.8
ppm/°C
Notes:
1. Refer to Section 9.8, “Thermal Management Information,” for more details about thermal management.
2. Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, airflow, power dissipation of other components on the board, and board thermal
resistance.
3. Per SEMI G38-87 and JEDEC JESD51-2 with the single-layer board horizontal.
4. Per JEDEC JESD51-6 with the board horizontal.
5. Thermal resistance between the die and the printed-circuit board per JEDEC JESD51-8. Board temperature is measured
on the top surface of the board near the package.
6. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method
1012.1) with the calculated case temperature. The actual value of RθJC for the part is less than 0.1°C/W.
Table 6. DC Electrical Specifications
At recommended operating conditions. See Table 4.
Characteristic
Nominal
Bus
Voltage 1
Symbol
Min
Max
Unit
Notes
Input high voltage
(all inputs including SYSCLK)
1.5
VIH
GVDD × 0.65
GVDD + 0.3
V
2
1.8
OVDD/GVDD × 0.65
OVDD/GVDD + 0.3
V
2.5
1.7
OVDD/GVDD + 0.3
V
Input low voltage
(all inputs including SYSCLK)
1.5
VIL
–0.3
GVDD × 0.35
V
2, 6
1.8
–0.3
OVDD/GVDD × 0.35
V
2.5
–0.3
0.7
V
Input leakage current, Vin = GVDD/OVDD
Iin
30
µA
2, 3
High-impedance (off-state) leakage
current, Vin = GVDD/OVDD
ITSI
30
µA
2, 3, 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com