Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7457EC Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MPC7457EC
Description  RISC Microprocessor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457EC Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MPC7457EC Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 5
Freescale Semiconductor
35
Pinout Listings
7
Pinout Listings
Table 16 provides the pinout listing for the MPC7447, 360 CBGA package. Table 17 provides the pinout listing for
the MPC7457, 483 CBGA package.
NOTE
This pinout is not compatible with the MPC750, MPC7400, or MPC7410 360 BGA
package.
Table 16. Pinout Listing for the MPC7447, 360 CBGA Package
Signal Name
Pin Number
Active
I/O
I/F Select 1
Notes
A[0:35]
E11, H1, C11, G3, F10, L2, D11, D1, C10, G2, D12, L3,
G4, T2, F4, V1, J4, R2, K5, W2, J2, K4, N4, J3, M5, P5,
N3, T1, V2, U1, N5, W1, B12, C4, G10, B11
High
I/O
BVSEL
2
AACK
R1
Low
Input
BVSEL
AP[0:4]
C1, E3, H6, F5, G7
High
I/O
BVSEL
ARTRY
N2
Low
I/O
BVSEL
3
AVDD
A8
—
Input
N/A
BG
M1
Low
Input
BVSEL
BMODE0
G9
Low
Input
BVSEL
4
BMODE1
F8
Low
Input
BVSEL
5
BR
D2
Low
Output
BVSEL
BVSEL
B7
High
Input
BVSEL
1, 6
CI
J1
Low
Output
BVSEL
3
CKSTP_IN
A3
Low
Input
BVSEL
CKSTP_OUT
B1
Low
Output
BVSEL
CLK_OUT
H2
High
Output
BVSEL
D[0:63]
R15, W15, T14, V16, W16, T15, U15, P14, V13, W13,
T13, P13, U14, W14, R12, T12, W12, V12, N11, N10,
R11, U11, W11, T11, R10, N9, P10, U10, R9, W10, U9,
V9, W5, U6, T5, U5, W7, R6, P7, V6, P17, R19, V18,
R18, V19, T19, U19, W19, U18, W17, W18, T16, T18,
T17, W3, V17, U4, U8, U7, R7, P6, R8, W8, T8
High
I/O
BVSEL
DBG
M2
Low
Input
BVSEL
DP[0:7]
T3, W4, T4, W9, M6, V3, N8, W6
High
I/O
BVSEL
DRDY
R3
Low
Output
BVSEL
7
DTI[0:3]
G1, K1, P1, N1
High
Input
BVSEL
8
EXT_QUAL
A11
High
Input
BVSEL
9
GBL
E2
Low
I/O
BVSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com