| Electronic Components Datasheet Search |
|
MPC7457 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC7457 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc |
|
27 / 68 page ![]() MPC7457 RISC Microprocessor Hardware Specifications, Rev. 5 Freescale Semiconductor 27 Electrical and Thermal Characteristics Figure 10 shows the L3 bus timing diagrams for the MPC7457 interfaced to MSUG2 SRAMs. Figure 10. L3 Bus Timing Diagrams for L3 Cache DDR SRAMs 5.2.4.3 L3 Bus AC Specifications for PB2 and Late Write SRAMs When using PB2 or Late Write SRAMs at the L3 interface, the parts should be connected as shown in Figure 11. These SRAMs are synchronous to the MPC7457; one L3_CLKn signal is output to each SRAM to latch address, control, and write data. Read data is launched by the SRAM synchronous to the delayed L3_CLKn signal it received. The MPC7457 needs a copy of that delayed clock which launched the SRAM read data to know when the returning data will be valid. Therefore, L3_ECHO_CLK1 and L3_ECHO_CLK3 must be routed halfway to the SRAMs and returned to the MPC7457 inputs L3_ECHO_CLK0 and L3_ECHO_CLK2, respectively. Thus, L3_ECHO_CLK0 and L3_ECHO_CLK2 are phase-aligned with the input clock received at the SRAMs. The MPC7457 will latch the incoming data on the rising edge of L3_ECHO_CLK0 and L3_ECHO_CLK2. Table 14 provides the L3 bus interface AC timing specifications for the configuration shown in Figure 11, assuming the timing relationships of Figure 12 and the loading of Figure 8. L3_ECHO_CLK[0,1,2,3] L3 Data and Data VM VM = Midpoint Voltage (GVDD/2) Parity Inputs L3_CLK[0,1] ADDR, L3CNTL VM tL3CHOV tL3CHOX VM L3DATA WRITE tL3CHOZ VM VM VM VM tL3CHDV tL3CHDX VM VM VM Outputs Inputs tL3CLDV tL3CLDX tL3CLDZ tL3DVEH tL3DXEL tL3DVEL tL3DXEH Note: tL3DVEH and tL3DVEL as drawn here are negative numbers, that is, input setup time is time after the clock edge. Note: tL3CHDV and tL3CLDV as drawn here will be negative numbers, that is, output valid time will be time before the clock edge. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |