Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7457 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MPC7457
Description  RISC Microprocessor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MPC7457 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 5
38
Freescale Semiconductor
Pinout Listings
AVDD
B2
Input
N/A
BG
R3
Low
Input
BVSEL
BMODE0
C6
Low
Input
BVSEL
4
BMODE1
C4
Low
Input
BVSEL
5
BR
K1
Low
Output
BVSEL
BVSEL
G6
High
Input
N/A
6, 7
CI
R1
Low
Output
BVSEL
3
CKSTP_IN
F3
Low
Input
BVSEL
CKSTP_OUT
K6
Low
Output
BVSEL
CLK_OUT
N1
High
Output
BVSEL
D[0:63]
AB15, T14, R14, AB13, V14, U14, AB14, W16, AA11,
Y11, U12, W13, Y14, U13, T12, W12, AB12, R12,
AA13, AB11, Y12, V11, T11, R11, W10, T10, W11,
V10, R10, U10, AA10, U9, V7, T8, AB4, Y6, AB7,
AA6, Y8, AA7, W8, AB10, AA16, AB16, AB17, Y18,
AB18, Y16, AA18, W14, R13, W15, AA14, V16, W6,
AA12, V6, AB9, AB6, R7, R9, AA9, AB8, W9
High
I/O
BVSEL
DBG
V1
Low
Input
BVSEL
DP[0:7]
AA2, AB3, AB2, AA8, R8, W5, U8, AB5
High
I/O
BVSEL
DRDY
T6
Low
Output
BVSEL
8
DTI[0:3])
P2, T5, U3, P6
High
Input
BVSEL
9
EXT_QUAL
B9
High
Input
BVSEL
10
GBL
M4
Low
I/O
BVSEL
GND
A22, B1, B5, B12, B14, B16, B18, B20, C3, C9, C21,
D7, D13, D15, D17, D19, E2, E5, E21, F10, F12, F14,
F16, F19, G4, G7, G17, G21, H13, H15, H19, H5, J3,
J10, J12, J14, J17, J21, K5, K9, K11, K13, K15, K19,
L10, L12, L14, L17, L21, M3, M6, M9, M11, M13,
M19, N10, N12, N14, N17, N21, P3, P9, P11, P13,
P15, P19, R17, R21, T13, T15, T19, T4, T7, T9, U17,
U21, V2, V5, V8, V12, V15, V19, W7, W17, W21, Y3,
Y9, Y13, Y15, Y20, AA5, AA17, AB1, AB22
N/A
GVDD
B13, B15, B17, B19, B21, D12, D14, D16, D18, D21,
E19, F13, F15, F17, F21, G19, H12, H14, H17, H21,
J19, K17, K21, L19, M17, M21, N19, P17, P21, R15,
R19, T17, T21, U19, V17, V21, W19, Y21
N/A
11
HIT
K2
Low
Output
BVSEL
8
HRESET
A3
Low
Input
BVSEL
INT
J6
Low
Input
BVSEL
Table 17. Pinout Listing for the MPC7457, 483 CBGA Package (continued)
Signal Name
Pin Number
Active
I/O
I/F Select 1
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com