Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC7457 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC7457
Description  RISC Microprocessor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC7457 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC7457 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 5
Freescale Semiconductor
15
Electrical and Thermal Characteristics
5.2
AC Electrical Characteristics
This section provides the AC electrical characteristics for the MPC7457. After fabrication, functional parts are
sorted by maximum processor core frequency as shown in Section 1.5.2.1, “Clock AC Specifications,” and tested
for conformance to the AC specifications for that frequency. The processor core frequency is determined by the bus
(SYSCLK) frequency and the settings of the PLL_CFG[0:4] signals. Parts are sold by maximum processor core
frequency; see Section 1.11, “Ordering Information.”
5.2.1
Clock AC Specifications
Table 8 provides the clock AC timing specifications as defined in Figure 6 and represents the tested operating
frequencies of the devices. The maximum system bus frequency, fSYSCLK, given in Table 8 is considered a practical
maximum in a typical single-processor system. The actual maximum SYSCLK frequency for any application of the
MPC7457 will be a function of the AC timings of the MPC7457, the AC timings for the system controller, bus
loading, printed-circuit board topology, trace lengths, and so forth, and may be less than the value given in Table 8.
For information regarding the use of spread spectrum clock generators, see Section 9.1.3, “System Bus Clock
(SYSCLK) and Spread Spectrum Sources.” PLL configuration and bus-to-core multiplier information is found in
Section 9.1.1, “Core Clocks and PLL Configuration.”
Deep Sleep Mode (PLL Disabled)
Typical
5.0
5.0
5.0
5.0
W
1, 2
Notes:
1. These values apply for all valid processor bus and L3 bus ratios. The values do not include I/O supply power (OVDD and
GVDD) or PLL supply power (AVDD). OVDD and GVDD power is system dependent, but is typically <5% of VDD power. Worst
case power consumption for AVDD < 3 mW.
2. Typical power is an average value measured at the nominal recommended VDD (see Table 4) and 65°C while running the
Dhrystone 2.1 benchmark and achieving 2.3 Dhrystone MIPs/MHz.
3. Maximum power is the average measured at nominal VDD and maximum operating junction temperature (see Table 4) while
running an entirely cache-resident, contrived sequence of instructions which keep all the execution units maximally busy.
4. Doze mode is not a user-definable state; it is an intermediate state between full-power and either nap or sleep mode. As a
result, power consumption for this mode is not tested.
Table 8. Clock AC Timing Specifications
At recommended operating conditions. See Table 4.
Characteristic
Symbol
Maximum Processor Core Frequency
Unit
Notes
867 MHz
1000 MHz
1200 MHz
1267 MHz
Min
Max
Min
Max
Min
Max
Min
Max
Processor frequency
fcore
600
867
600
1000
600
1200
600
1267
MHz
1
VCO frequency
fVCO
1200
1733
1200
2000
1200
2400
1200
2534
MHz
1
SYSCLK frequency
fSYSCLK
33
167
33
167
33
167
33
167
MHz
1, 2
Table 7. Power Consumption for MPC7457 (continued)
Processor (CPU) Frequency
Unit
Notes
867 MHz
1000 MHz
1200 MHz
1267 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com