Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8971L Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM8971L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8971L Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM8971L Datasheet HTML 37Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 38Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 39Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 40Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 41Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 42Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 43Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 44Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
Advanced Information
WM8971L
w
AI Rev 3.0 March 2004
41
accuracy depends on the accuracy of MCLK. If MCLK changes, the sample rates change
proportionately.
Note that some sample rates (e.g. 44.1kHz in USB mode) are approximated, i.e. they differ from their
target value by a very small amount. This is not audible, as the maximum deviation is only 0.27%
(8.0214kHz instead of 8kHz in USB mode). By comparison, a half-tone step corresponds to a 5.9%
change in pitch.
MCLK
CLKDIV2=0
MCLK
CLKDIV2=1
ADC SAMPLE RATE
(ADCLRC)
DAC SAMPLE RATE
(DACLRC)
USB
SR [4:0]
FILTER
TYPE
BCLK
(MS=1)
‘Normal’ Clock Mode (‘*’ indicates backward compatibility with WM8731)
8 kHz (MCLK/1536)
8 kHz (MCLK/1536)
0
00110 *
1
MCLK/4
8 kHz (MCLK/1536)
48 kHz (MCLK/256)
0
00100 *
1
MCLK/4
12 kHz (MCLK/1024)
12 kHz (MCLK/1024)
0
01000
1
MCLK/4
16 kHz (MCLK/768)
16 kHz (MCLK/768)
0
01010
1
MCLK/4
24 kHz (MCLK/512)
24 kHz (MCLK/512)
0
11100
1
MCLK/4
32 kHz (MCLK/384)
32 kHz (MCLK/384)
0
01100 *
1
MCLK/4
48 kHz (MCLK/256)
8 kHz (MCLK/1536)
0
00010 *
1
MCLK/4
48 kHz (MCLK/256)
48 kHz (MCLK/256)
0
00000 *
1
MCLK/4
12.288 MHz
24.576 MHz
96 kHz (MCLK/128)
96 kHz (MCLK/128)
0
01110 *
3
MCLK/2
8.0182 kHz (MCLK/1408)
8.0182 kHz (MCLK/1408)
0
10110 *
1
MCLK/4
8.0182 kHz (MCLK/1408)
44.1 kHz (MCLK/256)
0
10100 *
1
MCLK/4
11.025 kHz (MCLK/1024)
11.025 kHz (MCLK/1024)
0
11000
1
MCLK/4
22.05 kHz (MCLK/512)
22.05 kHz (MCLK/512)
0
11010
1
MCLK/4
44.1 kHz (MCLK/256)
8.0182 kHz (MCLK/1408)
0
10010 *
1
MCLK/4
44.1 kHz (MCLK/256)
44.1 kHz (MCLK/256)
0
10000 *
1
MCLK/4
11.2896MHz 22.5792MHz
88.2 kHz (MCLK/128)
88.2 kHz (MCLK/128)
0
11110 *
3
MCLK/2
8 kHz (MCLK/2304)
8 kHz (MCLK/2304)
0
00111 *
1
MCLK/6
8 kHz (MCLK/2304)
48 kHz (MCLK/384)
0
00101 *
1
MCLK/6
12 kHz (MCLK/1536)
12 kHz (MCLK/1536)
0
01001
1
MCLK/6
16kHz (MCLK/1152)
16 kHz (MCLK/1152)
0
01011
1
MCLK/6
24kHz (MCLK/768)
24 kHz (MCLK/768)
0
11101
1
MCLK/6
32 kHz (MCLK/576)
32 kHz (MCLK/576)
0
01101 *
1
MCLK/6
48 kHz (MCLK/384)
48 kHz (MCLK/384)
0
00001 *
1
MCLK/6
48 kHz (MCLK/384)
8 kHz (MCLK/2304)
0
00011 *
1
MCLK/6
18.432MHz
36.864MHz
96 kHz (MCLK/192)
96 kHz (MCLK/192)
0
01111 *
3
MCLK/3
8.0182 kHz (MCLK/2112)
8.0182 kHz (MCLK/2112)
0
10111 *
1
MCLK/6
8.0182 kHz (MCLK/2112)
44.1 kHz (MCLK/384)
0
10101 *
1
MCLK/6
11.025 kHz (MCLK/1536)
11.025 kHz (MCLK/1536)
0
11001
1
MCLK/6
22.05 kHz (MCLK/768)
22.05 kHz (MCLK/768)
0
11011
1
MCLK/6
44.1 kHz (MCLK/384)
8.0182 kHz (MCLK/2112)
0
10011 *
1
MCLK/6
44.1 kHz (MCLK/384)
44.1 kHz (MCLK/384)
0
10001 *
1
MCLK/6
16.9344MHz 33.8688MHz
88.2 kHz (MCLK/192)
88.2 kHz (MCLK/192)
0
11111 *
3
MCLK/3
USB Mode (‘*’ indicates backward compatibility with WM8731)
8 kHz (MCLK/1500)
8 kHz (MCLK/1500)
1
00110 *
0
MCLK
8 kHz (MCLK/1500)
48 kHz (MCLK/250)
1
00100 *
0
MCLK
8.0214 kHz (MCLK/1496)
8.0214kHz (MCLK/1496)
1
10111 *
1
MCLK
8.0214 kHz (MCLK/1496)
44.118 kHz (MCLK/272)
1
10101 *
1
MCLK
11.0259 kHz (MCLK/1088)
11.0259kHz (MCLK/1088)
1
11001
1
MCLK
12 kHz (MCLK/1000)
12 kHz (MCLK/1000)
1
01000
0
MCLK
16kHz (MCLK/750)
16kHz (MCLK/750)
1
01010
0
MCLK
22.0588kHz (MCLK/544)
22.0588kHz (MCLK/544)
1
11011
1
MCLK
24kHz (MCLK/500)
24kHz (MCLK/500)
1
11100
0
MCLK
32 kHz (MCLK/375)
32 kHz (MCLK/375)
1
01100 *
0
MCLK
44.118 kHz (MCLK/272)
8.0214kHz (MCLK/1496)
1
10011 *
1
MCLK
44.118 kHz (MCLK/272)
44.118 kHz (MCLK/272)
1
10001 *
1
MCLK
48 kHz (MCLK/250)
8 kHz (MCLK/1500)
1
00010 *
0
MCLK
48 kHz (MCLK/250)
48 kHz (MCLK/250)
1
00000 *
0
MCLK
88.235kHz (MCLK/136)
88.235kHz (MCLK/136)
1
11111 *
3
MCLK
12.000MHz
24.000MHz
96 kHz (MCLK/125)
96 kHz (MCLK/125)
1
01110 *
2
MCLK
Table 33 Master Clock and Sample Rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com