Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8971L Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8971L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8971L Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8971L Datasheet HTML 19Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 20Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 21Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 22Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 23Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 24Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 25Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 26Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
Advanced Information
WM8971L
w
AI Rev 3.0 March 2004
23
AUTOMATIC LEVEL CONTROL (ALC)
The WM8971L has an automatic level control that aims to keep a constant recording volume
irrespective of the input signal level. This is achieved by continuously adjusting the PGA gain so that
the signal level at the ADC input remains constant. A digital peak detector monitors the ADC output
and changes the PGA gain if necessary. Note that when the ALC function is enabled, the settings of
registers 0 and 1 (LINVOL, LIVU, LIZC, RINVOL, RIVU and RIZC, but not LINMUTE and RINMUTE)
are ignored.
hold
time
decay
time
attack
time
input
signal
signal
after
ALC
PGA
gain
ALC
target
level
Figure 8 ALC Operation
The ALC function is enabled using the ALCSEL control bits. When enabled, the recording volume
can be programmed between –6dB and –28.5dB (relative to ADC full scale) using the ALCL register
bits. An upper limit for the PGA gain can be imposed by setting the MAXGAIN control bits.
HLD, DCY and ATK control the hold, decay and attack times, respectively:
Hold time is the time delay between the peak level detected being below target and the PGA gain
beginning to ramp up. It can be programmed in power-of-two (2
n) steps, e.g. 2.67ms, 5.33ms,
10.67ms etc. up to 43.7s. Alternatively, the hold time can also be set to zero. The hold time only
applies to gain ramp-up, there is no delay before ramping the gain down when the signal level is
above target.
Decay (Gain Ramp-Up) Time is the time that it takes for the PGA gain to ramp up across 90% of its
range (e.g. from –15B up to 27.75dB). The time it takes for the recording level to return to its target
value therefore depends on both the decay time and on the gain adjustment required. If the gain
adjustment is small, it will be shorter than the decay time. The decay time can be programmed in
power-of-two (2
n) steps, from 24ms, 48ms, 96ms, etc. to 24.58s.
Attack (Gain Ramp-Down) Time is the time that it takes for the PGA gain to ramp down across 90%
of its range (e.g. from 27.75dB down to -15B gain). The time it takes for the recording level to return
to its target value therefore depends on both the attack time and on the gain adjustment required. If
the gain adjustment is small, it will be shorter than the attack time. The attack time can be
programmed in power-of-two (2
n) steps, from 6ms, 12ms, 24ms, etc. to 6.14s.
When operating in stereo, the peak detector takes the maximum of left and right channel peak
values, and any new gain setting is applied to both left and right PGAs, so that the stereo image is
preserved. However, the ALC function can also be enabled on one channel only. In this case, only
one PGA is controlled by the ALC mechanism, while the other channel runs independently with its
PGA gain set through the control register.
When one ADC channel is unused, the peak detector disregards that channel. The ALC function can
also operate when the two ADC outputs are mixed to mono in the digital domain, but not if they are
mixed to mono in the analogue domain, before entering the ADCs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com