Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8971L Datasheet(PDF) 37 Page - Wolfson Microelectronics plc

Part # WM8971L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8971L Datasheet(HTML) 37 Page - Wolfson Microelectronics plc

Back Button WM8971L Datasheet HTML 33Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 34Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 35Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 36Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 37Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 38Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 39Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 40Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 41Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
Advanced Information
WM8971L
w
AI Rev 3.0 March 2004
37
AUDIO DATA FORMATS
In Left Justified mode, the MSB is available on the first rising edge of BCLK following a LRCLK
transition. The other bits up to the LSB are then transmitted in order. Depending on word length,
BCLK frequency and sample rate, there may be unused BCLK cycles before each LRCLK transition.
LEFT CHANNEL
RIGHT CHANNEL
DACLRC/
ADCLRC
BCLK
DACDAT/
ADCDAT
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
Input Word Length (WL)
Note: Input word length is defined by the WL register.
Timing is shown with LRP = 1
Figure 16 Left Justified Audio Interface (assuming n-bit word length)
In Right Justified mode, the LSB is available on the last rising edge of BCLK before a LRCLK
transition. All other bits are transmitted before (MSB first). Depending on word length, BCLK
frequency and sample rate, there may be unused BCLK cycles after each LRCLK transition.
LEFT CHANNEL
RIGHT CHANNEL
DACLRC/
ADCLRC
BCLK
DACDAT/
ADCDAT
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
Input Word Length (WL)
Note: Input word length is defined by the WL register.
Timing is shown with LRP = 1
Figure 17 Right Justified Audio Interface (assuming n-bit word length)
In I
2S mode, the MSB is available on the second rising edge of BCLK following a LRCLK transition.
The other bits up to the LSB are then transmitted in order. Depending on word length, BCLK
frequency and sample rate, there may be unused BCLK cycles between the LSB of one sample and
the MSB of the next.
LEFT CHANNEL
RIGHT CHANNEL
DACLRC/
ADCLRC
BCLK
DACDAT/
ADCDAT
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
1 BCLK
1 BCLK
Input Word Length (WL)
Note: Input word length is defined by the WL register.
Timing is shown with LRP = 1
Figure 18 I
2S Justified Audio Interface (assuming n-bit word length)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com