Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8971L Datasheet(PDF) 47 Page - Wolfson Microelectronics plc

Part # WM8971L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8971L Datasheet(HTML) 47 Page - Wolfson Microelectronics plc

Back Button WM8971L Datasheet HTML 43Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 44Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 45Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 46Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 47Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 48Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 49Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 50Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 51Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
Advanced Information
WM8971L
w
AI Rev 3.0 March 2004
47
DIGITAL FILTER CHARACTERISTICS
The ADC and DAC employ different digital filters. There are 4 types of digital filter, called Type 0, 1, 2
and 3. The performance of Types 0 and 1 is listed in the table below, the responses of all filters is
shown in the proceeding pages.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC Filter Type 0 (USB Mode, 250fs operation)
+/- 0.05dB
0
0.416fs
Passband
-6dB
0.5fs
Passband Ripple
+/- 0.05
dB
Stopband
0.584fs
Stopband Attenuation
f > 0.584fs
-60
dB
ADC Filter Type 1 (USB mode, 272fs or Normal mode operation)
+/- 0.05dB
0
0.4535fs
Passband
-6dB
0.5fs
Passband Ripple
+/- 0.05
dB
Stopband
0.5465fs
Stopband Attenuation
f > 0.5465fs
-60
dB
-3dB
3.7
-0.5dB
10.4
High Pass Filter Corner
Frequency
-0.1dB
21.6
Hz
DAC Filter Type 0 (USB mode, 250fs operation)
+/- 0.03dB
0
0.416fs
Passband
-6dB
0.5fs
Passband Ripple
+/-0.03
dB
Stopband
0.584fs
Stopband Attenuation
f > 0.584fs
-50
dB
DAC Filter Type 1 (USB mode, 272fs or Normal mode operation)
+/- 0.03dB
0
0.4535fs
Passband
-6dB
0.5fs
Passband Ripple
+/- 0.03
dB
Stopband
0.5465fs
Stopband Attenuation
f > 0.5465fs
-50
dB
Table 39 Digital Filter Characteristics
TERMINOLOGY
1.
Stop Band Attenuation (dB) – the degree to which the frequency spectrum is attenuated (outside audio band)
2.
Pass-band Ripple – any variation of the frequency response in the pass-band region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com