Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8971L Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8971L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8971L Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8971L Datasheet HTML 7Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 8Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 9Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 10Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 11Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 12Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 13Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 14Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
Advanced Information
WM8971L
w
AI Rev 3.0 March 2004
11
SPEAKER OUTPUT THD VERSUS POWER
Speaker Pow er vs THD+N (8Ohm BTL load)
-70
-60
-50
-40
-30
-20
-10
0
100
200
300
400
500
Pow er (m W)
AVDD=1.8V
AVDD=2.5V
AVDD=3.3V
Speaker Power vs THD+N (8 Ohm BTL load)
0
2
4
6
8
10
0
100
200
300
400
500
Power (mW)
AVDD=1.8V
AVDD=2.5V
AVDD=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com