Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8980GEFL/V Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM8980GEFL/V
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980GEFL/V Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM8980GEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 81 page
background image
Product Preview
WM8980
w
PP Rev 1.6 January 2005
41
0
DACR2RMIX
1
Right DAC output to right output
mixer
0 = not selected
1 = selected
1
BYPR2RMIX
0
Right bypass path (from the right
channel input boost output) to right
output mixer
0 = not selected
1 = selected
4:2
BYPRMIXVOL
000
Right bypass volume control to
output channel mixer:
000 = -15dB
001 = -12dB
…
101 = 0dB
110 = +3dB
111 = +6dB
5
AUXR2RMIX
0
Right Auxiliary input to right channel
output mixer:
0 = not selected
1 = selected
R51
Right channel
output mixer
control
8:6
AUXRMIXVOL
000
Aux right channel input to right mixer
volume control:
000 = -15dB
001 = -12dB
…
101 = 0dB
110 = +3dB
111 = +6dB
2
LMIXEN
0
Left output channel mixer enable:
0 = disabled
1= enabled
R3
Power
management
3
3
RMIXEN
0
Right output channel mixer enable:
0 = disabled
1 = enabled
Table 30 Left and Right Output Mixer Control
HEADPHONE OUTPUTS (LOUT1 AND ROUT1)
The headphone outputs, LOUT1 and ROUT1 can drive a 16
Ω or 32Ω headphone load, either
through DC blocking capacitors, or DC coupled without any capacitor. Each headphone output has
an analogue volume control PGA with a gain range of -57dB to +6dB as shown in Figure 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com