Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8980GEFL/V Datasheet(PDF) 67 Page - Wolfson Microelectronics plc

Part # WM8980GEFL/V
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980GEFL/V Datasheet(HTML) 67 Page - Wolfson Microelectronics plc

Back Button WM8980GEFL/V Datasheet HTML 63Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 81 page
background image
Product Preview
WM8980
w
PP Rev 1.6 January 2005
67
SDIN
SCLK
register address and
1st register data bit
DEVICE ADDRESS
(7 BITS)
RD / WR
BIT
ACK
(LOW)
CONTROL BYTE 1
(BITS 15 TO 8)
CONTROL BYTE 1
(BITS 7 TO 0)
remaining 8 bits of
register data
STOP
START
ACK
(LOW)
ACK
(LOW)
Figure 33 2-Wire Serial Control Interface
In 2-wire mode the WM8980 has a fixed device address, 0011010.
RESETTING THE CHIP
The WM8980 can be reset by performing a write of any value to the software reset register (address
0 hex). This will cause all register values to be reset to their default values. In addition to this there
is a Power-On Reset (POR) circuit which ensures that the registers are set to default when the
device is powered up.
POWER SUPPLIES
The WM8980 can use up to five separate power supplies:
AVDD and AGND: Analogue supply, powers all analogue functions except the speaker output and
mono output drivers. AVDD can range from 2.5V to 3.6V and has the most significant impact on
overall power consumption (except for power consumed in the headphone). A large AVDD slightly
improves audio quality.
SPKVDD and SPKGND: Headphone and Speaker supplies, power the speaker and mono output
drivers. SPKVDD can range from 2.5V to 5V. SPKVDD can be tied to AVDD, but it requires separate
layout and decoupling capacitors to curb harmonic distortion. With a larger SPKVDD, louder
headphone and speaker outputs can be achieved with lower distortion. If SPKVDD is lower than
AVDD, the output signal may be clipped.
DCVDD: Digital core supply, powers all digital functions except the audio and control interfaces.
DCVDD can range from 1.62V to 3.6V, and has no effect on audio quality. The return path for
DCVDD is DGND, which is shared with DBVDD.
DBVDD can range from 1.8V to 3.6V. DBVDD return path is through DGND.
VBVDD and VBGND: Supplies for video buffer circuit. VBVDD can range from 2.5V to 3.6V.
It is possible to use the same supply voltage for all four supplies. However, digital and analogue
supplies should be routed and decoupled separately on the PCB to keep digital switching noise out
of the analogue signal paths.
RECOMMENDED POWER UP/DOWN SEQENCE
In order to minimise output ‘pop’ and ‘click’ noise it is recommended that the device is powered up in
a controlled sequence.
In addition to this it is recommended that the zero cross functions are used when changing the
volume in the PGAs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com