Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8980GEFL/V Datasheet(PDF) 51 Page - Wolfson Microelectronics plc

Part # WM8980GEFL/V
Description  STEREO CODEC WITH SPEAKER DRIVER AND BUFFER
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8980GEFL/V Datasheet(HTML) 51 Page - Wolfson Microelectronics plc

Back Button WM8980GEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8980GEFL/V Datasheet HTML 55Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 81 page
background image
Product Preview
WM8980
w
PP Rev 1.6 January 2005
51
ENABLING THE OUTPUTS
Each analogue output of the WM8980 can be separately enabled or disabled. The analogue mixer
associated with each output has a separate enable. All outputs are disabled by default. To save
power, unused parts of the WM8980 should remain disabled.
Outputs can be enabled at any time, but it is not recommended to do so when BUFIO is disabled
(BUFIOEN=0) or when BUFDCOP is disabled (BUFDCOPEN=0) when configured in output boost
mode, as this may cause pop noise (see “Power Management” and “Applications Information”
sections).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2
BUFIOEN
0
Unused input/output tie off buffer enable
6
OUT3MIXEN
0
OUT3 mixer enable
7
OUT4MIXEN
0
OUT4 mixer enable
R1
Power
Management
1
8
BUFDCOPEN
0
Output stage 1.5xAVDD/2 driver enable
8
ROUT1EN
0
ROUT1 output enable
7
LOUT1EN
0
LOUT1 output enable
R2
Power
Management
2
6
SLEEP
0
0 = normal device operation
1 = residual current reduced in device
standby mode
2
LMIXEN
0
Left mixer enable
3
RMIXEN
0
Right mixer enable
4
VBUFEN
0
Video buffer enable
5
ROUT2EN
0
ROUT2 output enable
6
LOUT2EN
0
LOUT2 output enable
7
OUT3EN
0
OUT3 enable
R3
Power
Management
3
8
OUT4EN
0
OUT4 enable
Note: All “Enable” bits are 1 = ON, 0 = OFF
Table 40 Output Stages Power Management Control
THERMAL SHUTDOWN
The speaker outputs can drive very large currents. To protect the WM8980 from overheating a
thermal shutdown circuit is included. If the device temperature reaches approximately 125
0C and the
thermal shutdown circuit is enabled (TSDEN=1) then the speaker amplifiers will be disabled if
TSDEN is set. The thermal shutdown may also be configured to generate an interrupt. See the GPIO
and Interrupt Controller section for details.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R49
Output
control
1
TSDEN
1
Thermal Shutdown Enable
0 : thermal shutdown disabled
1 : thermal shutdown enabled
Table 41 Thermal Shutdown
UNUSED ANALOGUE INPUTS/OUTPUTS
Whenever an analogue input/output is disabled, it remains connected to a voltage source (either
AVDD/2 or 1.5xAVDD/2 as appropriate) through a resistor. This helps to prevent pop noise when the
output is re-enabled. The resistance between the voltage buffer and the output pins can be
controlled using the VROI control bit. The default impedance is low, so that any capacitors on the
outputs can charge up quickly at start-up. If a high impedance is desired for disabled outputs, VROI
can then be set to 1, increasing the resistance to about 30k
Ω.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R49
0
VROI
0
VREF (AVDD/2 or 1.5xAVDD/2) to
analogue output resistance
0: approx 1k
Ω
1: approx 30 k
Ω
Table 42 Disabled Outputs to VREF Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com