Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-MB4 Datasheet(PDF) 8 Page - IC-Haus GmbH

Part # IC-MB4
Description  BiSS INTERFACE MASTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MB4 Datasheet(HTML) 8 Page - IC-Haus GmbH

Back Button IC-MB4_15 Datasheet HTML 4Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 5Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 6Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 7Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 8Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 9Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 10Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 11Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 12Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-MB4
BiSS INTERFACE MASTER
Rev B2, Page 8/40
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 3.0 V. . . 5.5 V, Tj = -40. . . 125 °C, unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001 VDD
Permissible Supply Voltage
3
5.5
V
002 I(VDD)
Supply Current in VDD
outputs not loaded, f(CLK) = 20 MHz
20
mA
003 Vc()hi
Clamp Voltage hi at all pins ex-
cluding VDD, GND, MA1, MO1,
SL1
Vc()hi = V() - VDD, I() = 1 mA; outputs tristate
0.3
1.75
V
004 Vc()lo
Clamp Voltage lo at all pins ex-
cluding VDD, GND
I() = -1mA; outputs tristate
-1.6
-0.3
V
µC Interface: CFGSPI, INT_NMOT, NCS, ALE, NRD_RNW, NWR_E, DB7...0
A01 Vs()hi
Saturation Voltage hi at DB7...0
Vs()hi = VDD - V();
VDD = 4.5 V, I() = -4 mA
0.4
V
VDD = 3 V; I() = -2 mA
0.4
V
A02 Vs()lo
Saturation Voltage lo at DB7...0
VDD = 4.5 V, I() = 4 mA
0.4
V
VDD = 3 V, I() = 2 mA
0.4
V
A03 Vt()hi
Threshold Voltage hi at CFGSPI,
INT_NMOT, NCS, ALE,
NRD_RNW, NWR_E, DB7...0
2
V
A04 Vt()lo
Threshold Voltage lo at CFGSPI,
INT_NMOT, NCS, ALE,
NRD_RNW, NWR_E, DB7...0
0.8
V
A05 Vt()hys
Threshold Voltage Hysteresis at
CFGSPI, INT_NMOT, NCS, ALE,
NRD_RNW, NWR_E, DB7...0
150
250
mV
A06 Ipd()
Pull-Down Current at CFGSPI,
INT_NMOT, ALE, DB7...0
VDD = 4.5 V, V() = 1 V ... V(VDD)
6
30
60
µA
VDD = 3 V, V() = 1 V ... V(VDD)
3
30
60
µA
A07 Ipu()
Pull-Up Current at NCS,
NRD_RNW, NWR_E
VDD = 4.5 V, V() = 0 V ... V(VDD) - 1 V
-60
-30
-6
µA
VDD = 3 V, V() = 0 V ... V(VDD) - 1 V
-60
-30
-3
µA
BiSS Interface
B01 Rpu()
Pull-up Resistor at SL1,
SL2_NSL1
50
kΩ
BiSS Interface: TTL/CMOS Mode (CFGIF = 00 or 01)
B02 Vs()hi
Saturation Voltage hi at MA1,
MO1, MA2_NMA1, MO2_NMO2
V() = V(VDD) - V();
VDD = 4.5 V, I() = -4 mA
0.4
V
VDD = 3 V, I() = -2 mA
0.4
V
B03 Vs()lo
Saturation Voltage lo at MA1,
MO1, MA2_NMA1, MO2_NMO2
VDD = 4.5 V, I() = 4 mA
0.4
V
VDD = 3 V, I() = 2 mA
0.4
V
BiSS Interface: TTL Mode (CFGIF = 00)
B04 Vt()hi
Threshold Voltage hi at SL,
SL2_NSL1
2
V
B05 Vt()lo
Threshold Voltage lo at SL,
SL2_NSL1
0.8
V
B06 Vt()hys
Hysteresis at at SL, SL2_NSL1
150
300
mV
BiSS Interface: CMOS Mode (CFGIF = 01)
B07 Vt()hi
Threshold Voltage hi at SL,
SL2_NSL1
62
70
%VDD
B08 Vt()lo
Threshold Voltage lo at SL,
SL2_NSL1
33
39
%VDD
B09 Vt()hys
Hysteresis at at SL, SL2_NSL1
0.7
1.13
V
BiSS Interface: RS422 Mode (CFGIF = 10, VDD = 4.5 V ... 5.5 V)
B10 Vs()hi
Saturation Voltage hi at MA1,
MO1, MA2_NMA1, MO2_NMO2
V() = V(VDD) - V(); I() = -50 mA
1.2
V
B11 Vs()lo
Saturation Voltage lo at MA1,
MO1, MA2_NMA1, MO2_NMO2
I() = 50 mA
1.2
V
B12 Vcom()
Input Voltage Range at SL,
SL2_NSL1
0
3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com