Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-MB4 Datasheet(PDF) 21 Page - IC-Haus GmbH

Part # IC-MB4
Description  BiSS INTERFACE MASTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MB4 Datasheet(HTML) 21 Page - IC-Haus GmbH

Back Button IC-MB4_15 Datasheet HTML 17Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 18Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 19Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 20Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 21Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 22Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 23Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 24Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 25Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-MB4
BiSS INTERFACE MASTER
Rev B2, Page 21/40
Figure 14: BiSS B register access (EN_MO = 1)
Extended SSI BiSS C Register Communication
With extended SSI the BiSS C register write access is
possible to the SSI slave. The master is able to transmit
a BiSS C register write access to the slave without the
slaves CDS feedback. The master cannot verify if the
BiSS C register write access to the slave did succeed
or not. At the end of the cycle the master sends the
CDM bit inverted on the MA clock line.
BiSS C Init Sequence
In the init sequence two 0 pulses are generated at MA.
The slave should answer with a falling edge and after
the BiSS timeout with a rising edge at SL. The gap
between the second rising edge at MA and the falling
edge at SL is measured as line delay and stored in the
single cycle data RAM. The BiSS C init is selected with
REGVERS=1 and executed with INIT = 1.
Figure 15: BiSS init sequence
With an INIT sequence the iC-MB4 does store the mea-
sured channel 1 line delay in the SCDATA1(7:0) and
the channel 2 line delay in the SCDATA5(7:0).
The unit of this value is the 1/4 of the configured MA
clock frequency.
tLine Delay Channel 1 =
SCDATA1(7:0)
4∗f MA
tLine Delay Channel 2 =
SCDATA5(7:0)
4∗f MA
For the INIT sequence the maximum line delay is 255.
On exceeding this limit while INIT the INIT sequence is
aborted and an AGSERR is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com