Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-MB4 Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-MB4
Description  BiSS INTERFACE MASTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MB4 Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-MB4_15 Datasheet HTML 1Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 2Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 3Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 4Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 5Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 6Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 7Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 8Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-MB4
BiSS INTERFACE MASTER
Rev B2, Page 1/40
FEATURES
Bidirectional BiSS communication with up to 8 slaves
Supports SSI protocol for unidirectional data transmission
Synchronous sensor data acquisition with cyclic transfer at data
rates of up to 10 Mbit/s
Configurable interface with TTL, CMOS, RS422 or LVDS
Slave register operations during cyclic data transfers
Automatic compensation of line delays and conversion times
Data lengths of up to 64 bit for sensor data,
configurable for each slave
Data verification by CRC polynomials of up to 16 bits per slave
Separate memory banks enable free controller access during
BiSS sensor data transfers
64 bytes memory for bidirectional slave register communication
Parallel interface with 8 bit data/address bus services Intel and
Motorola devices with combined data and address bus
Serial controller communication by SPITM-compatible mode
Single 3 V to 5 V supply, industrial temperature range
APPLICATIONS
Bidirectional communication in
multi sensor systems
Linear and rotary encoders
Motor feedback systems
PLC systems
Drives
PACKAGES
TSSOP24
QFN28
BLOCK DIAGRAM
VDD
PROCESS DATA
OSCILLATOR
HOST INTERFACE
RESET
CTRL PORTS
BANK 1
BiSS INTERFACE
VDD
VDD
INSTANCE 1
BANK 2
sample CDS
measure busy
FRAME CONTROLLER
send busy
request sensor data
send acknowledge
8
8
CHANNEL 1
iC-MB4
analyse wire delay
INSTANCE 2
CHANNEL 2
16 BYTE RAM
PARAMETER
CONTROL
CONFIG
PROCESS
4 x 32 BIT RAM
DATA
DATA
PROCESS
4 x 64 BIT RAM
CONTROLLER
calculate actuator crc
send actuator data
receive sensor data
check sensor data
64 BYTE RAM
send start
calculate control frame
send CDM
GND
NCS
MO1
DB7
INT_NMOT
SL2_NSL1
MO2_NMO1
DB5
NRES
DB6
CLK
VDD
NWR_E
DB4
EOT
NER
GETSENS
DB2
DB1
DB0
NRD_RNW
CFGSPI
DB3
ALE
MA2_NMA1
MA1
SL1
Copyright © 2014, 2014, 2015 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-MB4_15

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MB4ICSYMB4U ICHAUS-IC-MB4ICSYMB4U Datasheet
1Mb / 5P
BiSS, SSI, PC-USB 2.0 ADAPTER
More results

Similar Description - IC-MB4_15

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DI2CM DCD-DI2CM Datasheet
148Kb / 5P
I2C Bus Interface - Master
DI2CMS DCD-DI2CMS Datasheet
153Kb / 6P
I2C Bus Interface - Master/Slave
DSPI DCD-DSPI Datasheet
94Kb / 6P
Serial Peripheral Interface - Master/Slave
logo
IC-Haus GmbH
IC-MB3 ICHAUS-IC-MB3 Datasheet
454Kb / 26P
BiSS INTERFACE MASTER, 1-Chan./3-Slaves
logo
PHOENIX CONTACT
2746524 PHOENIX-2746524 Datasheet
69Kb / 4P
INTERBUS master interface IBS ECO-LINK
logo
WAGO Kontakttechnik Gmb...
750-655 WAGO-750-655 Datasheet
510Kb / 14P
AS Interface Master
logo
Pepperl+Fuchs Inc.
BW2087 PF-BW2087 Datasheet
257Kb / 2P
AS-Interface master
VBM-CLX-DM PF-VBM-CLX-DM Datasheet
362Kb / 3P
AS-Interface master
VBM-CTR-K20-R2 PF-VBM-CTR-K20-R2 Datasheet
275Kb / 2P
AS-Interface master
VBM-CTR-PCI-DM PF-VBM-CTR-PCI-DM Datasheet
238Kb / 2P
AS-Interface master
2019-08-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com