Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-MB4 Datasheet(PDF) 10 Page - IC-Haus GmbH

Part # IC-MB4
Description  BiSS INTERFACE MASTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MB4 Datasheet(HTML) 10 Page - IC-Haus GmbH

Back Button IC-MB4_15 Datasheet HTML 6Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 7Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 8Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 9Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 10Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 11Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 12Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 13Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 14Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-MB4
BiSS INTERFACE MASTER
Rev B2, Page 10/40
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 3.0 V. . . 5.5 V, Tj = -40. . . 125 °C, unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Reset: NRES
E01 VDDoff
Undervoltage Reset
VDD decreasing
1.4
2.6
V
E02 VDDon
Undervoltage Release
VDD increasing
1.6
2.8
V
E03 VDDhys
Undervoltage Hysteresis
VDDhys = VDDon - VDDoff
200
mV
E04 Vt()hi
Threshold Voltage hi
2
V
E05 Vt()lo
Threshold Voltage lo
0.4
V
E06 Vt()hys
Threshold Voltage Hysteresis
300
500
mV
E07 Ipd()
Pull-Down Current
V() = 1.5 V ... VDD
4
35
70
µA
E08 td()res
Required Reset Pulse Duration
At NRES
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com