Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-MB4 Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-MB4
Description  BiSS INTERFACE MASTER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MB4 Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-MB4_15 Datasheet HTML 1Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 2Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 3Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 4Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 5Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 6Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 7Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 8Page - IC-Haus GmbH IC-MB4_15 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
prel
imin
ary
prel
imin
ary
iC-MB4
BiSS INTERFACE MASTER
Rev B2, Page 4/40
PIN CONFIGURATION QFN28 5 mm x 5 mm
(topview)
...
...yyww
iC−MB4
15
16
17
18
19
20
21
23
24
25
26
27
28
22
1
2
3
4
5
6
7
8
9
10
11
12
13
14
PIN FUNCTIONS
No. Name
Function
SPI Communication Mode
(CFGSPI = 1)
27 NCS
SPI Chip Select Input, active low
28 ALE
SPI Clock Input
1 DB0
SPI Serial Data Input
2 DB1
SPI Serial Data Output
5 DB4
SPI2 Chip Select Input, active low
6 DB5
SPI2 Clock Input
7 DB6
SPI2 Serial Data Input
8 DB7
SPI2 Serial Data Output
Data Bus Communication Mode
(CFGSPI = 0)
1 DB0
Data Bus Input/Output
2 DB1
Data Bus Input/Output
3 DB2
Data Bus Input/Output
4 DB3
Data Bus Input/Output
5 DB4
Data Bus Input/Output
6 DB5
Data Bus Input/Output
7 DB6
Data Bus Input/Output
8 DB7
Data Bus Input/Output
9 GND
Ground
10 VDD
+3 V . . . +5.5 V Supply Voltage
11 EOT
End of transmission Output
12 GETSENS
Sensor Data Request Input
13 NER
Error Message Input/Output,
low active
14 n.c.
not connected
15 MA1
BiSS Clock Line Output
16 MA2_NMA1 BiSS Clock Line Output Channel
2
17 SL1
BiSS Data Line Input
18 SL2_NSL1
BiSS Data Line Input Channel 2
19 INT_NMOT Communication Mode Select In-
put
(Intel = 1, Motorola = 0)
20 CFGSPI
Serial/Parallel Mode Select Input
(serial SPI = 1, parallel = 0)
21 NRES
Reset Input, low active
22 CLK
External Clock Input
23 MO1
BiSS Data Line Output
24 MO2_NMO1 BiSS Data Line Output Channel 2
25 NWR_E
Write Input, active low (Intel)
Enable Input, active high (Mo-
torola)
26 NRD_RNW Read Input, active low (Intel)
Read/Not-Write Select Input
(Motorola)
27 NCS
Chip Select Input, active low
28 ALE
Address Latch Enable Input
TP
Thermal Pad (GND)
The Thermal Pad must be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com