Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7771 Datasheet(PDF) 46 Page - Analog Devices

Part # AD7771
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771 Datasheet(HTML) 46 Page - Analog Devices

Back Button AD7771 Datasheet HTML 42Page - Analog Devices AD7771 Datasheet HTML 43Page - Analog Devices AD7771 Datasheet HTML 44Page - Analog Devices AD7771 Datasheet HTML 45Page - Analog Devices AD7771 Datasheet HTML 46Page - Analog Devices AD7771 Datasheet HTML 47Page - Analog Devices AD7771 Datasheet HTML 48Page - Analog Devices AD7771 Datasheet HTML 49Page - Analog Devices AD7771 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 99 page
background image
Data Sheet
AD7771
Rev. 0 | Page 45 of 98
In SPI control mode, there are four different levels of input/
output (I/O) strength on the SDO pin that can be selected in
GENERAL_USER_CONFIG_2, Bits[4:3], as described in Table 23.
Table 23. SDO Strength
GENERAL_USER_CONFIG_2, Bits[4:3] Setting
Mode
00
Nominal
01
Strong
10
Weak
11
Extra strong
SCLK is the serial clock input for the device. All data transfers
(on either SDO or SDI) occur with respect to this SCLK signal.
The SPI can operate in multiples of eight bits. For example, in
SPI control mode, if the SDO pin is used to read back the data
from the internal register or the SAR ADC, the data frame is
16 bits wide (CRC disabled), as shown in Figure 118, or 24 bits
wide (CRC enabled), as shown in Figure 119. In this case, the
controller can generate one frame of 16 bits or 24 bits (with and
without the CRC enabled), or two or three frames of 8 bits (with
and without the CRC enabled). When the SDO pin reads back
the data from the Σ-Δ channels, 64 bits must be read back from
the controller (in this case, the controller can generate a frame
of 64 bits—either 2 × 32 bits, 4 × 16 bits, or 8 × 8 bits).
SPI CRC—Checksum Protection (SPI Control Mode)
The AD7771 has a checksum mode that improves SPI
robustness in SPI control mode. Using the checksum ensures
that only valid data is written to a register and allows data read
from the device to be validated. The SPI CRC can be enabled by
setting the SPI_CRC_TEST_EN bit. If an error occurs during a
register write, the SPI_CRC_ERR is set in the error register.
Enabling the SPI_CRC_TEST_EN bit results in a CRC checksum
being performed on all the R/W operations. When SPI_CRC_
TEST_EN is enabled, an 8-bit CRC word is appended to every
SPI transaction for SAR and register map operations. For more
information on Σ-Δ readback operations, see the CRC Header
section.
To ensure that the register write is successful, it is recommended to
read back the register and verify the checksum.
For CRC checksum calculations, the following polynomial is
always used: x8 + x2 + x + 1. See the SPI Control Mode Checksum
section for more information.
SPI Read/Write Register Mode (SPI Control Mode)
The AD7771 has on-board registers to configure and control
the device.
The registers have 7-bit addresses—the 7-bit register address on
the SDI line selects the register for the read/write function. The
7-bit register address follows the R/W bit in the SDI data. The
8 bits on the SDI line following the 7-bit register address are the
data to be written to the selected register if the SPI is a write
transfer. Data on the SDI line is clocked into the AD7771 on
the rising edge of SCLK, as shown in Figure 3.
The data on the SDO line during the SPI transfer contains the
8-bit 0010 0000 header: 8 bits of register data in the case of a read
(R) operation, or 8 zeros in the case of a write (W) operation.
With the CRC disabled, the basic data frame on the SDI line
during the transfer is 16 bits long, as shown in Figure 118.
When the CRC is enabled, a minimum frame length of 24 SCLK
periods are required on SPI transfers. The 24 bits of data on the
SDO line consist of an 8-bit header (0010 0000), 8 bits of data, and
an 8-bit CRC (see Figure 119).
R/W A6
A5
A4
A3
A2
A1
A0
D6
D7
D5
D4
D3
D2
D1
D0
0
SDO
CS
SCLK
SDI
0
1
0
0
0
0
0
R7
R6
R5
R4
R3
R2
R1
R0
Figure 118. 16-Bit SPI Transfer—CRC Disabled
R/W A6
A5
A4
A3
A2
A1
A0
D6
D7
D5
D4
D3
D2
D1
D0 ICRC7 ICRC6 ICRC5 ICRC4 ICRC3 ICRC2 ICRC1 ICRC0
0
SDO
CS
SCLK
SDI
0
1
0
0
0
0
0
R7
R6
R5
R4
R3
R2
R1
R0 ICRC7 ICRC6 ICRC5 ICRC4 ICRC3 ICRC2 ICRC1 ICRC0
Figure 119. 24-Bit SPI Transfer—CRC Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com