Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7771 Datasheet(PDF) 76 Page - Analog Devices

Part # AD7771
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771 Datasheet(HTML) 76 Page - Analog Devices

Back Button AD7771 Datasheet HTML 72Page - Analog Devices AD7771 Datasheet HTML 73Page - Analog Devices AD7771 Datasheet HTML 74Page - Analog Devices AD7771 Datasheet HTML 75Page - Analog Devices AD7771 Datasheet HTML 76Page - Analog Devices AD7771 Datasheet HTML 77Page - Analog Devices AD7771 Datasheet HTML 78Page - Analog Devices AD7771 Datasheet HTML 79Page - Analog Devices AD7771 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 99 page
background image
Data Sheet
AD7771
Rev. 0 | Page 75 of 98
GLOBAL DIAGNOSTICS MUX REGISTER
Address: 0x016, Reset: 0x00, Name: GLOBAL_MUX_CONFIG
Global SAR diagnos tics m ux control
10101: AVSSx
AVDD4. Attenuated.
10100: REF2+
AVSSx.
10011: REF1+
AVSSx.
...
00010: REF1P REF1N.
00001: DVBE
AVSSx.
00000: AUXAin+
AUXAin-
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:3] GLOBAL_MUX_CTRL (R/W)
[2:0] RESERVED
Table 66. Bit Descriptions for GLOBAL_MUX_CONFIG
Bits
Bit Name
Settings
Description
Reset
Access
[7:3]
GLOBAL_MUX_CTRL
Global SAR Diagnostics Mux Control.
0x0
R/W
00000
AUXAIN+/AUXAIN−.
00001
DVBE/AVSSx.
00010
REF1+/REF1−.
10011
REF2+/REF2−.
10100
REF_OUT/AVSSx.
10101
VCM/AVSSx.
10110
AREG1CAP/AVSSx.
10111
AREG2CAP/AVSSx.
11000
DREGCAP/DGND.
11001
AVDD1A/AVSSx.
11010
AVDD1B/AVSSx.
11011
AVDD2A/AVSSx.
11100
AVDD2B/AVSSx.
11101
IOVDD/DGND.
11110
AVDD4/AVSSx.
11111
DGND/AVSSx.
10000
DGND/AVSSx.
10001
DGND/AVSSx.
10010
AVDD4/AVSSx.
10011
REF1+/AVSSx.
10100
REF2+/AVSSx.
10101
AVSSx/AVDD4. Attenuated.
[2:0]
RESERVED
Reserved.
0x0
R/W
GPIO CONFIGURATION REGISTER
Address: 0x017, Reset: 0x00, Name: GPIO_CONFIG
GPIO input/output
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:3] RESERVED
[2:0] GPIO_OP_EN (R/W)
Table 67. Bit Descriptions for GPIO_CONFIG
Bits
Bit Name
Settings
Description
Reset
Access
[7:3]
RESERVED
Reserved.
0x0
R/W
[2:0]
GPIO_OP_EN
GPIO Input/Output
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com