Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7771 Datasheet(PDF) 29 Page - Analog Devices

Part # AD7771
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7771 Datasheet HTML 25Page - Analog Devices AD7771 Datasheet HTML 26Page - Analog Devices AD7771 Datasheet HTML 27Page - Analog Devices AD7771 Datasheet HTML 28Page - Analog Devices AD7771 Datasheet HTML 29Page - Analog Devices AD7771 Datasheet HTML 30Page - Analog Devices AD7771 Datasheet HTML 31Page - Analog Devices AD7771 Datasheet HTML 32Page - Analog Devices AD7771 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 99 page
background image
AD7771
Data Sheet
Rev. 0 | Page 28 of 98
10
5
0
–5
–10
–15
–60 –40
140
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
AIN0+
AIN0–
AIN2+
AIN2–
VREF = 2.5V
VIN = 2.5V
SUPPLY = AVDD1x = 3.3V
Figure 74. Absolute Input Current vs. Temperature, High Resolution Mode
4
–4
–2
1
3
0
–3
–1
2
–2.5
–1.5
–0.5
0.5
1.5
–2.0
–1.0
0
1.0
2.0
2.5
DIFFERENTIAL INPUT VOLTAGE ((AINx+) – (AINx–))
VREF = 2.5V
SUPPLY = AVDD1x = 3.3V
AINx+ – AINx–, VCM = 1.95V
AINx+ – AINx–, VCM = 1.35V
Figure 75. Differential Input Current vs. Differential Input Voltage,
High Resolution Mode
14
12
10
8
6
4
2
0
–60
140
TEMPERATURE (°C)
–40 –20
0
20
40
60
80
100 120
VREF = 2.5V
VIN = 2.5V
SUPPLY = AVDD1x = 3.3V
Figure 76. Differential Input Current vs. Temperature,
High Resolution Mode
6
4
2
0
–2
–4
–6
–8
–60 –40
140
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
VREF = 2.5V
VIN = 2.5V
SUPPLY = AVDD1x = 3.3V
AIN0+
AIN0–
AIN2+
AIN2–
Figure 77. Absolute Input Current vs. Temperature, Low Power Mode
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VREF = 2.5V
SUPPLY = AVDD1x = 3.3V
AINx+ – AINx–, VCM = 1.95V
AINx+ – AINx–, VCM = 1.35V
DIFFERENTIAL INPUT VOLTAGE ((AINx+) – (AINx–))
–2.5
–1.5
–0.5
0.5
1.5
–2.0
–1.0
0
1.0
2.0
2.5
Figure 78. Differential Input Current vs. Differential Input Voltage,
Low Power Mode
12
10
8
6
4
2
0
–40
140
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
VREF = 2.5V
VIN = 2.5V
SUPPLY = AVDD1x = 3.3V
Figure 79. Differential Input Current vs. Temperature,
Low Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com