Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7771 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7771
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7771 Datasheet HTML 5Page - Analog Devices AD7771 Datasheet HTML 6Page - Analog Devices AD7771 Datasheet HTML 7Page - Analog Devices AD7771 Datasheet HTML 8Page - Analog Devices AD7771 Datasheet HTML 9Page - Analog Devices AD7771 Datasheet HTML 10Page - Analog Devices AD7771 Datasheet HTML 11Page - Analog Devices AD7771 Datasheet HTML 12Page - Analog Devices AD7771 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 99 page
background image
AD7771
Data Sheet
Rev. 0 | Page 8 of 98
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLIES
All Σ-Δ channels enabled
AVDD1x − AVSSx
3.0
3.6
V
IAVDD1x4, 5
Reference buffer pre-Q, VCM
enabled, internal reference
enabled
High resolution mode
18.3
23.7
mA
Low power mode
5
6.4
mA
Reference buffer enabled, VCM
enabled, internal reference
enabled
High resolution mode
20.5
26.7
mA
Low power mode
5.5
7.1
mA
Reference buffer disabled, VCM
disabled, internal reference
disabled
High resolution mode
14.3
18.8
mA
Low power mode
3.9
5.1
mA
AVDD2x − AVSSx
2.2
3.6
V
IAVDD2x
High resolution mode
10.2
10.65
mA
Low power mode
3.8
4
mA
AVDD4 − AVSSx
3
3.6
V
IAVDD4
SAR enabled
1.7
2
mA
SAR disabled
1
10
µA
AVSSx − DGND
−1.8
0
V
IOVDD − DGND
1.8
3.6
V
IIOVDD
High resolution mode (sinc5)
14.3
17
mA
Low power mode (sinc5)
4.6
5.5
mA
High resolution mode (sinc3)
12.2
14.2
mA
Low power mode (sinc3)
2.2
4.9
mA
Power Dissipation6
Internal buffers bypassed, internal
reference disabled, internal
oscillator disabled, SAR disabled
High Resolution Mode
128 kSPS
133
153
mW
Low Power Mode
32 kSPS
42
48.5
mW
Power-Down
All ADCs disabled
530
µW
1
AVSSx refers to the following pins: AVSS1A, AVSS1B, AVSS2A, AVSS2B, AVDD3, and AVSS4. This term is used throughout the data sheet.
2
At temperatures higher than 105°C, the device can be operated normally, though slight degradation on the maximum/minimum specifications is expected because
these specifications are only guaranteed up to 105°C. See the Typical Performance Characteristics section for plots showing the typical performance of the device at
high temperatures.
3
The SDO pin and the DOUTx pin are configured in the default mode of strength.
4
AVDD1x = 3.3 V, AVSSx = GND = ground, IOVDD = 1.8 V, CMOS clock.
5
Disabling either the VCM pin or the internal reference results in a 40 µA typical current consumption reduction.
6
Power dissipation is calculated using the maximum supply voltage, 3.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com