Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7771 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7771
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7771 Datasheet HTML 12Page - Analog Devices AD7771 Datasheet HTML 13Page - Analog Devices AD7771 Datasheet HTML 14Page - Analog Devices AD7771 Datasheet HTML 15Page - Analog Devices AD7771 Datasheet HTML 16Page - Analog Devices AD7771 Datasheet HTML 17Page - Analog Devices AD7771 Datasheet HTML 18Page - Analog Devices AD7771 Datasheet HTML 19Page - Analog Devices AD7771 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 99 page
background image
Data Sheet
AD7771
Rev. 0 | Page 15 of 98
Pin No.
Mnemonic
Type
Direction
Description
17
CONVST_SAR
Digital input
Input
Σ-Δ Output Interface Selection Pin in Pin Control Mode. See Table 13 for more
details. This pin also functions as the start for the SAR conversion in SPI control
mode.
18
ALERT/CS
Digital input
Input
Alert Output in Pin Control Mode (ALERT).
Chip Select in SPI Control Mode (CS).
19
DCLK2/SCLK
Digital input
Input
Data Clock Frequency Selection Pin 2 in Pin Control Mode (DCLK2). See Table 15
for more details.
SPI Clock in SPI Control Mode (SCLK).
20
DCLK1/SDI
Digital input
Input
Data Clock Frequency Selection Pin 1 in Pin Control Mode (DCLK1). See Table 15
for more details.
SPI Data Input in SPI Control Mode (SDI). Connect this pin to DGND if the
device is configured in pin control mode with the SPI as the data output interface.
21
DCLK0/SDO
Digital output
Output
Data Clock Frequency Selection Pin 0 in Pin Control Mode (DCLK0). See Table 15
for more details.
SPI Data Output in SPI Control Mode (SDO).
22
DGND
Supply
Supply
Digital Ground.
23
DREGCAP
Supply
Output
Digital Low Dropout (LDO) Output. Decouple this pin to DGND with a 1 µF
capacitor.
24
IOVDD
Supply
Supply
Digital Levels Input/Output and Digital LDO (DLDO) Supply from 1.8 V to 3.6 V.
IOVDD must not be lower than DREGCAP.
25
DOUT3
Digital output
I/O
Data Output Pin 3. If the device is configured in daisy-chain mode, this pin
acts as an input pin. See the Daisy-Chain Mode section for more details.
26
DOUT2
Digital output
I/O
Data Output Pin 2. If the device is configured in daisy-chain mode, this pin
acts as an input pin. See the Daisy-Chain Mode section for more details.
27
DOUT1
Digital output
Output
Data Output Pin 1.
28
DOUT0
Digital output
Output
Data Output Pin 0.
29
DCLK
Digital output
Output
Data Output Clock.
30
DRDY
Digital output
Output
Data Output Ready Pin.
31
XTAL1
Clock
Input
Crystal 1 Input Connection. If CMOS is used as a clock source, tie this pin to
DGND. See Table 12 for more details.
32
XTAL2/MCLK
Clock
Input
Crystal 2 Input Connection (XTAL2). See Table 12 for more details.
CMOS Clock (MCLK). See Table 12 for more details.
33
START
Digital input
Input
Synchronization Pulse. This pin internally synchronizes an external START
asynchronous pulse with MCLK. The synchronize signal is shifted out by the
SYNC_OUT pin. If not in use, tie this pin to DGND. See the Phase Adjustment
section and the Digital Reset and Synchronization Pins section for more details.
34
SYNC_OUT
Digital output
Input
Synchronization Signal. This pin generates a synchronous pulse generated
and driven by hardware (via the START pin) or by software (GENERAL_USER_
CONFIG_2, Bit 0). If this pin is in use, it must be wired to the SYNC_IN pin.
See the Phase Adjustment section and the Digital Reset and Synchronization
Pins section for more details.
35
SYNC_IN
Digital input
Input
Reset for the Internal Digital Block and Synchronize for Multiple Devices. See
the Digital Reset and Synchronization Pins section for more details.
36
RESET
Digital input
Input
Asynchronous Reset Pin. This pin resets all registers to their default value. It is
recommended to generate a pulse on this pin after the device is powered up
because a slow slew rate in the supplies may generate an incorrect initialization
in the digital block.
37
AIN7+
Analog input
Input
Analog Input Channel 7, Positive.
38
AIN7−
Analog input
Input
Analog Input Channel 7, Negative.
39
AIN6+
Analog input
Input
Analog Input Channel 6, Positive.
40
AIN6−
Analog input
Input
Analog Input Channel 6, Negative.
41
REF2+
Reference
Input
Positive Reference Input 2 for Channel 4 to Channel 7, Typical at REF2− + 2.5V.
42
REF2−
Reference
Input
Negative Reference Input 2 for Channel 4 to Channel 7, Typical at AVSSx.
Connect all the REFx− pins to the same potential.
43
AVDD1B
Supply
Supply
Positive Front-End Analog Supply for Channel 4 to Channel 7. Connect this pin
to AVDD1A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com