Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAV801ASTZ Datasheet(PDF) 37 Page - Analog Devices

Part # ADAV801ASTZ
Description  Audio Codec for Recordable DVD
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801ASTZ Datasheet(HTML) 37 Page - Analog Devices

Back Button ADAV801ASTZ Datasheet HTML 33Page - Analog Devices ADAV801ASTZ Datasheet HTML 34Page - Analog Devices ADAV801ASTZ Datasheet HTML 35Page - Analog Devices ADAV801ASTZ Datasheet HTML 36Page - Analog Devices ADAV801ASTZ Datasheet HTML 37Page - Analog Devices ADAV801ASTZ Datasheet HTML 38Page - Analog Devices ADAV801ASTZ Datasheet HTML 39Page - Analog Devices ADAV801ASTZ Datasheet HTML 40Page - Analog Devices ADAV801ASTZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 61 page
background image
ADAV801
Rev. A | Page 36 of 60
Receiver Buffer Configuration—Address 0001011 (0x0B)
Table 35. Receiver Buffer Configuration Register Bit Map
7
6
5
4
3
2
1
0
Reserved
Reserved
RxBCONF5
RxBCONF4
RxBCONF3
RxBCONF2
RxBCONF1
RxBCONF0
Table 36. Receiver Buffer Configuration Register Bit Descriptions
Bit Name
Description
RxBCONF5
If the user bits are formatted according to the IEC60958-3 standard and the DAT category is detected, the user bit
interrupt is enabled only when there is a change in the start (ID) bit.
0 = User bit interrupt is enabled in normal mode.
1 = If the DAT category is detected, the user bit interrupt is enabled only if there is a change in the start (ID) bit.
RxBCONF4
This bit determines whether Channel A and Channel B user bits are stored in the buffer together or separated
between A and B.
0 = User bits are stored together.
1 = User bits are stored separately.
RxBCONF3
Defines the function of RxCSBINT.
0 = RxCSBINT are set when a new block of receiver channel status is read, which is 192 audio frames.
1 = RxCSBINT is set only if the first five bytes of the receiver channel status block changes from the previous
channel status block.
RxBCONF[2:1]
Defines the user bit buffer.
00 = User bits are ignored.
01 = Updates the second user bit buffer when the first user bit buffer is full.
10 = Formats the received user bits according to Byte 1, Bit 4 to Bit 7, of the channel status, if the PRO bit is set. If
the PRO bit is not set, formats the user bits according to the IEC60958-3 standard.
11 = Reserved.
RxBCONF0
Defines the user bit buffer size, if RxBCONF[2:1] = 01.
0 = 384 bits with Preamble Z as the start of the buffer.
1 = 768 bits with Preamble Z as the start of the buffer.
Transmitter Control—Address 0001100 (0x0C)
Table 37. Transmitter Control Register Bit Map
7
6
5
4
3
2
1
0
Reserved
TxVALIDITY
TxRATIO2
TxRATIO1
TxRATIO0
TxCLKSEL1
TxCLKSEL0
TxENABLE
Table 38. Transmitter Control Register Bit Descriptions
Bit Name
Description
TxVALIDITY
This bit is used to set or clear the VALIDITY bit in the AES3/S/PDIF transmit stream.
0 = Audio is suitable for digital-to-analog conversion.
1 = Audio is not suitable for digital-to-analog conversion.
TxRATIO[2:0]
Determines the AES3/S/PDIF transmitter to AES3/S/PDIF receiver ratio.
000 = Transmitter to receiver ratio is 1:1.
001 = Transmitter to receiver ratio is 1:2.
010 = Transmitter to receiver ratio is 1:4.
101 = Transmitter to receiver ratio is 2:1.
110 = Transmitter to receiver ratio is 4:1.
TxCLKSEL[1:0]
Selects the clock source for the AES3/S/PDIF transmitter.
00 = Internal Clock 1 is the clock source for the transmitter.
01 = Internal Clock 2 is the clock source for the transmitter.
10 = Recovered PLL clock is the clock source for the transmitter.
11 = Reserved.
TxENABLE
Enables the AES3/S/PDIF transmitter.
0 = AES3/S/PDIF transmitter is disabled.
1 = AES3/S/PDIF transmitter is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com